Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6518ACPZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADRF6518ACPZ-R7
Description  63 MHz Dual Programmable Filters and Variable Gain Amplifiers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6518ACPZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADRF6518ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
Preliminary Technical Data
ADRF6518
Rev. PrA | Page 23 of 36
OUTPUT BUFFERS/ADC DRIVERS
The low impedance (<10 Ω) output buffers of the ADRF6518
are designed to drive either ADC inputs or subsequent amplifier
stages. They are capable of delivering up to 4 V p-p composite
two-tone signals into 1 kΩ differential loads with >60 dBc
IMD3. The output common-mode voltage defaults to VPS/2,
but it can be adjusted from 900 mV to 2.0 V without loss of
drive capability by presenting the VOCM pin with the desired
common-mode voltage. The high input impedance of VOCM
allows the ADC reference output to be connected directly. Even
though the output common-mode voltage is adjustable and the
offset compensation loop can null the accumulated dc offsets
(see the DC Offset Compensation Loop section), it may still be
desirable to ac-couple the outputs by selecting the coupling
capacitors according to the load impedance and desired
bandwidth.
DC OFFSET COMPENSATION LOOP
In many signal processing applications, no information is
carried in the dc level. In fact, dc voltages and other low
frequency disturbances can often dominate the intended signal
and consume precious dynamic range in the analog path and
bits in the data converters. These dc voltages can be present
with the desired input signal or can be generated inside the
signal path by inherent dc offsets or other unintended signal-
dependent processes such as self-mixing or rectification.
Because the ADRF6518 is fully dc-coupled, it may be necessary
to remove these offsets to realize the maximum signal-to-noise
ratio (SNR). The external offsets can be eliminated with ac-
coupling capacitors at the input pins; however, that requires
large value capacitors because the impedances can be fairly low,
and high-pass corners may need to be <10 Hz in some cases. To
address the issue of dc offsets, the ADRF6518 provides an offset
correction loop that nulls the output differential dc level, as
shown in Figure 71. If the correction loop is not required, it can
be disabled through the SPI port.
Figure 71. Offset Compensation Loop Operates Around the VGA
and Output Buffer
The offset control loop creates a high-pass corner, fHP, that
is superimposed on the normal Butterworth filter response
when filters are enabled. Typically, fHP is many orders of
magnitude lower than the lower programmed filter bandwidth
so that there is no interaction between them. Setting fHP is
accomplished with capacitors, COFS, from the OFS1 and OFS2
pins to ground. Because the correction loop works around the
VGA sections, fHP is also dependent on the total gain of the
cascaded VGAs. In general, the expression for fHP is given by
fHP (Hz) = 6.7 × Post Filter Linear Gain/COFS (µF)
where Post Filter Linear Gain is expressed in linear terms, not
in decibels (dB), and is the gain following the filters, which
excludes the VGA1 gain.
Note that fHP increases in proportion to the gain. For this
reason, COFS should be chosen at the highest operating gain
to guarantee that fHP is always below the maximum limit
required by the system.
PROGRAMMING THE ADRF6518
The 0.5 dB corner frequencies for both filters, the digital gains of all
the VGAs, and the output buffers are programmed simultane-
ously through the SPI port. In addition to these, enabling the dc
offset compensation loop and power mode selection are also
controlled through SPI port. A 16-bit register stores the 6-bit code
for corner frequencies of 1 MHz through 63 MHz and filter
bypass, as well as the codes for VGA gains, and the buffer gain
(see Table 5). The SPI protocol not only allows these selections
to be written to the DATA pin, but also allows the stored code
to be read back via the SDO/RST pin.
The latch enable (LE) pin must first go to a Logic 0 for a read or
write cycle to begin. On the next rising edge of the clock (CLK),
a Logic 1 on the DATA pin initiates a write cycle, whereas a
Logic 0 on the DATA pin initiates a read cycle. In a write cycle,
the next 15 CLK rising edges latch the desired 15-bit code, LSB
first. This results in 16-bit code, including the first Logic 1 to
initiate a write cycle. When LE goes high, the write cycle is
completed and different codes are presented various blocks that
need programming. In a read cycle, the next 15 CLK falling
edges present the stored 15-bit code, LSB first. When LE goes
high, the read cycle is completed. Detailed timing diagrams are
shown in Figure 2 and Figure 3.
NOISE CHARACTERISTICS
The output noise behavior of the ADRF6518 depends on the gain
and bandwidth settings. VGA1 noise dominates in the filter
bypass mode and at high filter corner settings. While at low
corner settings, filter noise tends to dominate.
The filter contributes a noise spectral density profile that is flat
at low frequencies, peaks near the corner frequency, and then
rolls off as the filter poles roll off the gain and noise. The
magnitude of the noise spectral density contributed by the filter,
expressed in nV/√Hz, varies inversely with the square root of
the bandwidth setting, resulting in filter noise in nV that is
nearly constant with the bandwidth setting. However, with
VGA1 NF being lower than the filter, VGA1 tends to dominate
the overall NF. At higher frequencies, after the filter noise rolls
off, the noise floor is set by the VGAs.
Each of the X-AMP VGA sections used in the ADRF6518
contributes a fixed noise spectral density to its respective output,
GAIN
FROM
FILTERS
COFS
OFSx
OFDS
50dB
VGA
OUTPUT ADC
DRIVER
BASEBAND
OUTPUTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com