Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6518ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF6518ACPZ-R7
Description  63 MHz Dual Programmable Filters and Variable Gain Amplifiers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6518ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADRF6518ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
63 MHz Dual Programmable Filters and
Variable Gain Amplifiers
Preliminary Technical Data
ADRF6518
Rev. PrA
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Matched pair of programmable filters and triple VGAs
Continuous gain control range: 72 dB
Digital gain control: 30 dB
6-pole Butterworth filter: 1 MHz to 63 MHz
in 1 MHz steps, 1 dB corner frequency
Preamplifier and postamplifier gain steps
Peak detector
Filter bypass mode, −3 dB bandwidth (BW)
VGA2 and VGA3 21 dB/12 dB gain: 350 MHz/700 MHz
IMD3: >65 dBc for 1.5 V p-p composite output
HD2, HD3: >65 dBc for 1.5 V p-p output
Differential input and output
Flexible output and input common-mode ranges
Optional dc output offset correction
SPI programmable filter corners and gain steps
Single 3.3 V supply operation with power-down feature
APPLICATIONS
Baseband I/Q receivers
Diversity receivers
ADC drivers
Point-to-point and point-to-multipoint radios
Instrumentation
Medical
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The ADRF6518 is a matched pair of fully differential low noise and
low distortion programmable filters and variable gain amplifiers
(VGAs). Each channel is capable of rejecting large out-of-band
interferers while reliably boosting the wanted signal, thus reducing
the bandwidth and resolution requirements on the analog-to-
digital converters (ADCs). The excellent matching between
channels and their high spurious-free dynamic range over all
gain and bandwidth settings make the ADRF6518 ideal for
quadrature-based (IQ) communication systems with dense
constellations, multiple carriers, and nearby interferers. The
various amplifier gains, filter corners and other features are all
programmable via a serial port interface (SPI) port.
The first VGA that precedes the filters offers 24 dB of continuous
gain control with fixed gain options of 9 dB, 12 dB, and 15 dB, and
sets a differential input impedance of 400 Ω. The filters provide
a six-pole Butterworth response with 1 dB corner frequencies
from 1 MHz to 63 MHz in 1 MHz steps. For operation beyond
63 MHz, the filter can be disabled and completely bypassed via
the SPI. A wideband peak detector is available to monitor the
peak signal at the filter inputs. The pair of VGAs that follow the
filters each provides 24 dB of continuous gain control with fixed
gain options of 12 dB, 15 dB, 18 dB, and 21 dB. The output buffers
offer an additional option of 3 dB or 9 dB gain and provide a
differential output impedance of less than 10 Ω. They are
capable of driving 3 V p-p into 1 kΩ loads at better than 65 dBc
HD3. The output common-mode voltage defaults to VPS/2 and
can be adjusted down to 900 mV by driving the high impedance
VOCM pin. Independent, built-in dc offset correction loops for
each channel can be disabled via the SPI if fully dc-coupled
operation is desired. The high-pass corner frequency is deter-
mined by external capacitors on the OFS1 and OFS2 pins and the
postfilter VGA gain.
The ADRF6518 operates from a 3.15 V to 3.45 V supply and
consumes a maximum supply current of 400 mA. When fully
disabled, it consumes <10 mA. The ADRF6518 is fabricated in
an advanced silicon-germanium BiCMOS process and is available
in a 32-lead, exposed pad LFCSP. Performance is specified over
the −40°C to +85°C temperature range.


Similar Part No. - ADRF6518ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6518ACPZ-R7 AD-ADRF6518ACPZ-R7 Datasheet
1Mb / 39P
1.1 GHz Variable Gain Amplifiers Baseband Programmable Filters
12/2017-Rev. 0 to Rev. A
More results

Similar Description - ADRF6518ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7001 TI-THS7001 Datasheet
597Kb / 32P
70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
logo
Analog Devices
AD600 AD-AD600_06 Datasheet
588Kb / 28P
Dual, Low Noise, Wideband Variable Gain Amplifiers
1/06-Rev. D to Rev. E
ADRF6510 AD-ADRF6510 Datasheet
563Kb / 28P
30 MHz Dual Programmable Filters and Variable Gain Amplifiers
REV. 0
ADRF6516 AD-ADRF6516 Datasheet
1Mb / 32P
31 MHz, Dual Programmable Filters
REV. B
AD8366ACPZ-R7 AD-AD8366ACPZ-R7 Datasheet
894Kb / 28P
DC to 600 MHz, Dual-Digital Variable Gain Amplifiers
REV. A
logo
Texas Instruments
THS7001 TI1-THS7001_16 Datasheet
1Mb / 41P
70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
logo
Analog Devices
AD8366 AD-AD8366_17 Datasheet
1Mb / 28P
Dual-Digital Variable Gain Amplifiers
8/2017-Rev. A to Rev. B
ADRF6510 AD-ADRF6510_17 Datasheet
1Mb / 32P
Dual Programmable Filters Variable Gain Amplifiers
9/2017-Rev. A to Rev. B
ADRF6516 AD-ADRF6516_17 Datasheet
1Mb / 29P
Dual Programmable Filters and Variable Gain Amplifiers
8/2017-Rev. B to Rev. C
ADRF6518 AD-ADRF6518_17 Datasheet
1Mb / 39P
1.1 GHz Variable Gain Amplifiers Baseband Programmable Filters
12/2017-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com