Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6518ACPZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADRF6518ACPZ-R7
Description  63 MHz Dual Programmable Filters and Variable Gain Amplifiers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6518ACPZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADRF6518ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
Preliminary Technical Data
ADRF6518
Rev. PrA | Page 25 of 36
signal level keeps increasing. This maintains the best NF for the
cascaded chain. The output noise, initially dominated by the
filter and VGA1 combination, follows the gain reduction,
yielding a progressively better SNR. At some point, the VGA3
and VGA2 gains drop sufficiently so that their noise becomes
dominant, resulting in a slower reduction in SNR from that
point. From the perspective of SNR alone, the maximum input
level is reached when the VGA1 reaches its minimum gain.
Distortion must also be considered when maximizing the dynamic
range. At low and moderate signal levels, the output distortion
is constant and assumed to be adequate for the selected output
level. At some point, the input signal becomes large enough that
distortion at the input limits the system. This can be kept in check
by monitoring peak detector voltage, VPK.
The most challenging scenario in terms of dynamic range is the
presence of a large out-of-band blocker accompanying a weaker
in-band wanted signal. In this case, the maximum input level is
dictated by the blocker and its inclination to cause distortion.
After filtering, the weak wanted signal must be amplified to the
desired output level, possibly requiring maximum gain on VGA2
and VGA3. In such a case, both the distortion limits associated
with the blocker at the input and the SNR limits created by the
weaker signal and higher gains are present simultaneously.
Furthermore, not only does the blocker scenario degrade the
dynamic range, it also reduces the range of input signals that
can be handled because a larger part of the gain range is simply
used to extract the weak desired signal from the stronger blocker.
KEY PARAMETERS FOR QUADRATURE-BASED
RECEIVERS
The majority of digital communication receivers make use of
quadrature signaling, in which bits of information are encoded
onto pairs of baseband signals that then modulate in-phase (I)
and quadrature (Q) sinusoidal carriers. Both the baseband and
modulated signals appear quite complex in the time domain with
dramatic peaks and valleys. In a typical receiver, the goal is to
recover the pair of quadrature baseband signals in the presence
of noise and interfering signals after quadrature demodulation.
In the process of filtering out-of-band noise and unwanted inter-
ferers and restoring the levels of the wanted I and Q baseband
signals, it is critical to retain their gain and phase integrity over
the bandwidth.
In the filter mode, the ADRF6518 delivers flat in-band gain and
group delay, consistent with a six-pole Butterworth prototype
filter, as described in the Programmable Filters section.
Furthermore, careful design ensures excellent matching of these
parameters between the I and Q channels. Although absolute
gain flatness and group delay can be corrected with digital
equalization, mismatch introduces quadrature errors and
intersymbol interference that degrade bit error rates in digital
communication systems.
For wideband signals, filters can be bypassed and the
ADRF6518 then becomes a dual cascaded chain of three VGAs,
offering large gain range options, while maintaining gain and
group delay match between the two channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com