Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6518ACPZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADRF6518ACPZ-R7
Description  63 MHz Dual Programmable Filters and Variable Gain Amplifiers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6518ACPZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADRF6518ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
ADRF6518
Preliminary Technical Data
Rev. PrA | Page 26 of 36
APPLICATIONS INFORMATION
BASIC CONNECTIONS
Figure 72 shows the basic connections for a typical ADRF6518
application.
SUPPLY DECOUPLING
Apply a nominal supply voltage of 3.3 V to the supply pins,
VPS, VPI, and VPSD. The supply voltage must not exceed
3.45 V or drop below 3.15 V for VPS and VPSD. The supply
voltage on VPI must not exceed 5.25 V. Decouple each supply
pin to ground with at least one low inductance, surface-mount
ceramic capacitor of 0.1 µF placed as close as possible to the
ADRF6518 device.
The ADRF6518 has two separate supplies: an analog supply and
a digital supply. Take care to separate the analog and digital
supplies with a large surface-mount inductor of 33 µH. Each
supply should then be decoupled separately to its respective
ground through a 10 μF capacitor.
INPUT SIGNAL PATH
Each signal path has input buffers, accessed through the
INP1, INM1, INP2, and INM2 pins, that set a differential input
impedance of 400 Ω. These inputs sit at a nominal common-
mode voltage around midsupply.
The inputs can be dc-coupled or ac-coupled. To ac couple the
inputs, the user must pull the VICM/AC pin to ground. This
provides an input common-mode voltage of VPI/2. To dc
couple the inputs, let the VICM pin float. If using direct dc
coupling, the common-mode voltage, VCM, can range from
1.35 V to 2.0 V while VPI = 3.3 V. The user has the option of tying
VPI to a voltage up to 5 V. This provides a common-mode range of
1.35 V to 3.1 V. In general, the minimum input common-mode
voltage is always 1.35 V, but the maximum common-mode voltage
is VCM_MAX = 0.64 V × VPI − 0.135 V. The VICM pin can be used as
a reference common-mode voltage for driving a high impedance
sensing node of the preceding cascaded part (VICM has a 7 kΩ
impedance).
OUTPUT SIGNAL PATH
The low impedance (10 Ω) output buffers are designed to drive
a high impedance load, such as an ADC input or another amplifier
stage. The output pins—OPP1, OPM1, OPP2, and OPM2—sit
at a nominal output common-mode voltage of VPS/2, but can
be driven to a voltage of 0.9 V to 2.1 V by applying the desired
common-mode voltage to the high impedance VOCM pin.
DC OFFSET COMPENSATION LOOP ENABLED
When the dc offset compensation loop is enabled via B1 of the
SPI register, the ADRF6518 can null the output differential dc
level. The loop is enabled by setting B1 = 0. The offset
compensation loop creates a high-pass corner frequency, which
is proportional to the value of the capacitors that are connected
from the OFS1 and OFS2 pins to ground. For more information
about setting the high-pass corner frequency, see the DC Offset
Compensation Loop section.
Figure 72. Basic Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com