Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6518ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADRF6518ACPZ-R7
Description  63 MHz Dual Programmable Filters and Variable Gain Amplifiers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6518ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADRF6518ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
ADRF6518
Preliminary Technical Data
Rev. PrA | Page 12 of 36
Figure 29. HD2 and HD3 vs. Gain over Supply and Temperature;
BW = 63 MHz, 16 MHz Fundamental Tone, Digital Gain = 1111110
Figure 30. HD2 and HD3 vs. Gain over Supply and Temperature;
BW = 63 MHz, 16 MHz Fundamental Tone, Digital Gain = 1111111
Figure 31. HD2 and HD3 vs. Gain over VOCM; BW = 63 MHz, 16 MHz
Fundamental Tone
Figure 32. HD2 and HD3 vs. VPK, DC-Coupled; BW = 63 MHz,
16 MHz Fundamental Tone
Figure 33. HD2 and HD3 vs. VPK, AC-Coupled; BW = 63 MHz,
16 MHz Fundamental Tone
Figure 34. Input IP2 and IP3 vs.VGA1 Gain (AC-Coupled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com