Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6518ACPZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADRF6518ACPZ-R7
Description  63 MHz Dual Programmable Filters and Variable Gain Amplifiers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6518ACPZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADRF6518ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
Preliminary Technical Data
ADRF6518
Rev. PrA | Page 31 of 36
Figure 76. Top Layer Silkscreen
Figure 77. Component Side Layout
Table 6. Evaluation Board Configuration Options
Components
Function
Default Conditions
C1, C2, C4, C11, C12, C15, C16,
C30, C31, L1, L2, R2, R3, P4
Power supply and ground decoupling. Nominal supply decoupling
consists of a 0.1 µF capacitor to ground.
C1, C2, C30 = 10 µF (Size 1210)
C4, C11, C12, C15, C16, C31 =
0.1 µF (Size 0402)
L1, L2 = 33 µH (Size 1812)
R2, R3 = 0 Ω (Size 0402)
P4 = installed
T1, T2, C3, C6, C7 to C10, R31,
R32, R43, R44, R45, R46, R47,
R48, R49, R50
Input interface. The INP1_SE, INM1, INP2_SE, and INM2 input SMAs
are used to drive the part differentially by bypassing the baluns.
Using only INP1_SE and INP2_SE in conjunction with the baluns
enables single-ended operation. The default configuration of the
evaluation board is for single-ended operation.
T1 and T2 are 8:1 impedance ratio baluns that transform a single-
ended signal in a 50 Ω system into a balanced differential signal in a
400 Ω system.
R31, R32, R47, R48, R49, and R50 are populated for appropriate
balun interface
T1, T2 = Pulse Electronics
CX2049LNL
C3, C6 = 0.1 µF (Size 0402)
C7 to C10 = 0.1 µF (Size 0602)
R31, R32, R47 to R50 = 0 Ω (Size
0402)
R43 to R46 = open (Size 0402)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com