Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6518ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADRF6518ACPZ-R7
Description  63 MHz Dual Programmable Filters and Variable Gain Amplifiers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6518ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADRF6518ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
ADRF6518
Preliminary Technical Data
Rev. PrA | Page 6 of 36
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltages, VPS, VPSD
3.45 V
ENBL, LE, CLK, DATA, SDO
VPSD + 0.5 V
INP1, INM1, INP2, INM2, VICM
VPS + 0.5 V
OPP1, OPM1, OPP2, OPM2, VOCM
VPS + 0.5 V
OFS1, OFS2, VPK, RAVG
VPS + 0.5 V
VGN1, VGN2, VGN3
VPS + 0.5 V
Internal Power Dissipation
1.25 W
θJA (Exposed Pad Soldered to Board)
37.4°C/W
Maximum Junction Temperature
150°C
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering 60 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com