Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F690IP Datasheet(PDF) 110 Page - Microchip Technology

Part # PIC16F690IP
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F690IP Datasheet(HTML) 110 Page - Microchip Technology

Back Button PIC16F690IP Datasheet HTML 106Page - Microchip Technology PIC16F690IP Datasheet HTML 107Page - Microchip Technology PIC16F690IP Datasheet HTML 108Page - Microchip Technology PIC16F690IP Datasheet HTML 109Page - Microchip Technology PIC16F690IP Datasheet HTML 110Page - Microchip Technology PIC16F690IP Datasheet HTML 111Page - Microchip Technology PIC16F690IP Datasheet HTML 112Page - Microchip Technology PIC16F690IP Datasheet HTML 113Page - Microchip Technology PIC16F690IP Datasheet HTML 114Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 306 page
background image
PIC16F631/677/685/687/689/690
DS41262E-page 108
© 2008 Microchip Technology Inc.
9.1
ADC Configuration
When configuring and using the ADC the following
functions must be considered:
• Port configuration
• Channel selection
• ADC voltage reference selection
• ADC conversion clock source
• Interrupt control
• Results formatting
9.1.1
PORT CONFIGURATION
The ADC can be used to convert both analog and digital
signals. When converting analog signals, the I/O pin
should be configured for analog by setting the associated
TRIS and ANSEL bits. See the corresponding port
section for more information.
9.1.2
CHANNEL SELECTION
The CHS bits of the ADCON0 register determine which
channel is connected to the sample and hold circuit.
When changing channels, a delay is required before
starting the next conversion. Refer to Section 9.2
“ADC Operation” for more information.
9.1.3
ADC VOLTAGE REFERENCE
The VCFG bit of the ADCON0 register provides control
of the positive voltage reference. The positive voltage
reference can be either VDD or an external voltage
source. The negative voltage reference is always
connected to the ground reference.
9.1.4
CONVERSION CLOCK
The source of the conversion clock is software
selectable via the ADCS bits of the ADCON1 register.
There are seven possible clock options:
•FOSC/2
•FOSC/4
•FOSC/8
•FOSC/16
•FOSC/32
•FOSC/64
•FRC (dedicated internal oscillator)
The time to complete one bit conversion is defined as
TAD. One full 10-bit conversion requires 11 TAD periods
as shown in Figure 9-2.
For correct conversion, the appropriate TAD specification
must be met. See A/D conversion requirements in
Section 17.0 “Electrical Specifications” for more
information. Table 9-1 gives examples of appropriate
ADC clock selections.
Note:
Analog voltages on any pin that is defined
as a digital input may cause the input
buffer to conduct excess current.
Note:
Unless using the FRC, any changes in the
system clock frequency will change the
ADC
clock
frequency,
which
may
adversely affect the ADC result.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com