Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F690IP Datasheet(PDF) 111 Page - Microchip Technology

Part # PIC16F690IP
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F690IP Datasheet(HTML) 111 Page - Microchip Technology

Back Button PIC16F690IP Datasheet HTML 107Page - Microchip Technology PIC16F690IP Datasheet HTML 108Page - Microchip Technology PIC16F690IP Datasheet HTML 109Page - Microchip Technology PIC16F690IP Datasheet HTML 110Page - Microchip Technology PIC16F690IP Datasheet HTML 111Page - Microchip Technology PIC16F690IP Datasheet HTML 112Page - Microchip Technology PIC16F690IP Datasheet HTML 113Page - Microchip Technology PIC16F690IP Datasheet HTML 114Page - Microchip Technology PIC16F690IP Datasheet HTML 115Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 306 page
background image
© 2008 Microchip Technology Inc.
DS41262E-page 109
PIC16F631/677/685/687/689/690
TABLE 9-1:
ADC CLOCK PERIOD (TAD) VS. DEVICE OPERATING FREQUENCIES (VDD > 3.0V,
VREF > 2.5V)
FIGURE 9-2:
ANALOG-TO-DIGITAL CONVERSION TAD CYCLES
9.1.5
INTERRUPTS
The ADC module allows for the ability to generate an
interrupt upon completion of an Analog-to-Digital
conversion. The ADC interrupt flag is the ADIF bit in the
PIR1 register. The ADC interrupt enable is the ADIE bit
in the PIE1 register. The ADIF bit must be cleared in
software.
This interrupt can be generated while the device is
operating or while in Sleep. If the device is in Sleep, the
interrupt will wake-up the device. Upon waking from
Sleep, the next instruction following the SLEEP
instruction is always executed. If the user is attempting
to wake-up from Sleep and resume in-line code
execution, the global interrupt must be disabled. If the
global interrupt is enabled, execution will switch to the
interrupt service routine.
Please see Section 9.1.5 “Interrupts” for more
information.
ADC Clock Period (TAD)
Device Frequency (FOSC)
ADC Clock Source
ADCS<2:0>
20 MHz
8 MHz
4 MHz
1 MHz
FOSC/2
000
100 ns(2)
250 ns(2)
500 ns(2)
2.0
μs
FOSC/4
100
200 ns(2)
500 ns(2)
1.0
μs(2)
4.0
μs
FOSC/8
001
400 ns(2)
1.0
μs(2)
2.0
μs
8.0
μs(3)
FOSC/16
101
800 ns(2)
2.0
μs4.0 μs
16.0
μs(3)
FOSC/32
010
1.6
μs4.0 μs
8.0
μs(3)
32.0
μs(3)
FOSC/64
110
3.2
μs
8.0
μs(3)
16.0
μs(3)
64.0
μs(3)
FRC
x11
2-6
μs(1,4)
2-6
μs(1,4)
2-6
μs(1,4)
2-6
μs(1,4)
Legend: Shaded cells are outside of recommended range.
Note 1:
The FRC source has a typical TAD time of 4
μs for VDD > 3.0V.
2:
These values violate the minimum required TAD time.
3:
For faster conversion times, the selection of another clock source is recommended.
4:
When the device frequency is greater than 1 MHz, the FRC clock source is only recommended if the
conversion will be performed during Sleep.
TAD1 TAD2 TAD3 TAD4 TAD5 TAD6 TAD7 TAD8 TAD9
Set GO/DONE bit
Holding Capacitor is disconnected from analog input (typically 100 ns)
b9
b8
b7
b6
b5
b4
b3
b2
TAD10 TAD11
b1
b0
TCY to TAD
Conversion Starts
ADRESH and ADRESL registers are loaded,
GO bit is cleared,
ADIF bit is set,
Holding capacitor is connected to analog input
Note:
The ADIF bit is set at the completion of
every conversion, regardless of whether
or not the ADC interrupt is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com