Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F690IP Datasheet(PDF) 118 Page - Microchip Technology

Part # PIC16F690IP
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F690IP Datasheet(HTML) 118 Page - Microchip Technology

Back Button PIC16F690IP Datasheet HTML 114Page - Microchip Technology PIC16F690IP Datasheet HTML 115Page - Microchip Technology PIC16F690IP Datasheet HTML 116Page - Microchip Technology PIC16F690IP Datasheet HTML 117Page - Microchip Technology PIC16F690IP Datasheet HTML 118Page - Microchip Technology PIC16F690IP Datasheet HTML 119Page - Microchip Technology PIC16F690IP Datasheet HTML 120Page - Microchip Technology PIC16F690IP Datasheet HTML 121Page - Microchip Technology PIC16F690IP Datasheet HTML 122Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 306 page
background image
PIC16F631/677/685/687/689/690
DS41262E-page 116
© 2008 Microchip Technology Inc.
9.3
A/D Acquisition Requirements
For the ADC to meet its specified accuracy, the charge
holding capacitor (CHOLD) must be allowed to fully
charge to the input channel voltage level. The Analog
Input model is shown in Figure 9-4. The source
impedance (RS) and the internal sampling switch (RSS)
impedance directly affect the time required to charge the
capacitor CHOLD. The sampling switch (RSS) impedance
varies over the device voltage (VDD), see Figure 9-4.
The maximum recommended impedance for analog
sources is 10 k
Ω. As the source impedance is
decreased, the acquisition time may be decreased.
After the analog input channel is selected (or changed),
an A/D acquisition must be done before the conversion
can be started. To calculate the minimum acquisition
time, Equation 9-1 may be used. This equation
assumes that 1/2 LSb error is used (1024 steps for the
ADC). The 1/2 LSb error is the maximum error allowed
for the ADC to meet its specified resolution.
EQUATION 9-1:
ACQUISITION TIME EXAMPLE
TACQ
Amplifier Settling Time
Hold Capacitor Charging Time
Temperature Coefficient
++
=
TAMP
TC
TCOFF
++
=
2μsTC
Temperature - 25°C
() 0.05μs/°C
()
[]
++
=
TC
CHOLD RIC
RSS
RS
++
() ln(1/2047)
–
=
10pF 1k
Ω 7kΩ 10kΩ
++
()
–
ln(0.0004885)
=
1.37
=
μs
TACQ
2μS
1.37μS
50°C- 25°C
() 0.05μS/°C
()
[]
++
=
4.67μS
=
VAPPLIED 1e
Tc
–
RC
---------
–
⎝⎠
⎜⎟
⎛⎞
VAPPLIED 1
1
2
n1
+
() 1
–
--------------------------
–
⎝⎠
⎛⎞
=
VAPPLIED 1
1
2
n1
+
() 1
–
--------------------------
–
⎝⎠
⎛⎞
VCHOLD
=
VAPPLIED 1e
TC
–
RC
----------
–
⎝⎠
⎜⎟
⎛⎞
VCHOLD
=
;[1] VCHOLD charged to within 1/2 lsb
;[2] VCHOLD charge response to VAPPLIED
;combining [1] and [2]
The value for TC can be approximated with the following equations:
Solving for TC:
Therefore:
Temperature
50°C and external impedance of 10k
Ω 5.0V VDD
=
Assumptions:
Note: Where n = number of bits of the ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com