Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F690IP Datasheet(PDF) 119 Page - Microchip Technology

Part # PIC16F690IP
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F690IP Datasheet(HTML) 119 Page - Microchip Technology

Back Button PIC16F690IP Datasheet HTML 115Page - Microchip Technology PIC16F690IP Datasheet HTML 116Page - Microchip Technology PIC16F690IP Datasheet HTML 117Page - Microchip Technology PIC16F690IP Datasheet HTML 118Page - Microchip Technology PIC16F690IP Datasheet HTML 119Page - Microchip Technology PIC16F690IP Datasheet HTML 120Page - Microchip Technology PIC16F690IP Datasheet HTML 121Page - Microchip Technology PIC16F690IP Datasheet HTML 122Page - Microchip Technology PIC16F690IP Datasheet HTML 123Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 306 page
background image
© 2008 Microchip Technology Inc.
DS41262E-page 117
PIC16F631/677/685/687/689/690
FIGURE 9-4:
ANALOG INPUT MODEL
FIGURE 9-5:
ADC TRANSFER FUNCTION
Note 1: The reference voltage (VREF) has no effect on the equation, since it cancels itself out.
2: The charge holding capacitor (CHOLD) is not discharged after each conversion.
3: The maximum recommended impedance for analog sources is 10 k
Ω. This is required to meet the pin
leakage specification.
CPIN
VA
Rs
ANx
5 pF
VDD
VT = 0.6V
VT = 0.6V
I LEAKAGE(1)
RIC
≤ 1k
Sampling
Switch
SS Rss
CHOLD = 10 pF
VSS/VREF-
6V
Sampling Switch
5V
4V
3V
2V
567 8 9 10 11
(k
Ω)
VDD
Legend: CPIN
VT
I LEAKAGE
RIC
SS
CHOLD
= Input Capacitance
= Threshold Voltage
= Leakage current at the pin due to
= Interconnect Resistance
= Sampling Switch
= Sample/Hold Capacitance
various junctions
RSS
Note 1: See Section 17.0 “Electrical Specifications”.
3FFh
3FEh
3FDh
3FCh
004h
003h
002h
001h
000h
Full-Scale
3FBh
1 LSB ideal
VSS/VREF-
Zero-Scale
Transition
VDD/VREF+
Transition
1 LSB ideal
Full-Scale Range
Analog Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com