Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F690IP Datasheet(PDF) 178 Page - Microchip Technology

Part # PIC16F690IP
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F690IP Datasheet(HTML) 178 Page - Microchip Technology

Back Button PIC16F690IP Datasheet HTML 174Page - Microchip Technology PIC16F690IP Datasheet HTML 175Page - Microchip Technology PIC16F690IP Datasheet HTML 176Page - Microchip Technology PIC16F690IP Datasheet HTML 177Page - Microchip Technology PIC16F690IP Datasheet HTML 178Page - Microchip Technology PIC16F690IP Datasheet HTML 179Page - Microchip Technology PIC16F690IP Datasheet HTML 180Page - Microchip Technology PIC16F690IP Datasheet HTML 181Page - Microchip Technology PIC16F690IP Datasheet HTML 182Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 306 page
background image
PIC16F631/677/685/687/689/690
DS41262E-page 176
© 2008 Microchip Technology Inc.
12.4.2.3
EUSART Synchronous Slave
Reception
The operation of the Synchronous Master and Slave
modes is identical (Section 12.4.1.5 “Synchronous
Master Reception”), with the following exceptions:
• Sleep
• CREN bit is always set, therefore the receiver is
never Idle
• SREN bit, which is a “don't care” in Slave mode
A character may be received while in Sleep mode by
setting the CREN bit prior to entering Sleep. Once the
word is received, the RSR register will transfer the data
to the RCREG register. If the RCIE enable bit is set, the
interrupt generated will wake the device from Sleep
and execute the next instruction. If the GIE bit is also
set, the program will branch to the interrupt vector.
12.4.2.4
Synchronous Slave Reception
Set-up:
1.
Set the SYNC and SPEN bits and clear the
CSRC bit.
2.
If interrupts are desired, set the RCIE bit of the
PIE1 register and the GIE and PEIE bits of the
INTCON register.
3.
If 9-bit reception is desired, set the RX9 bit.
4.
Set the CREN bit to enable reception.
5.
The RCIF bit will be set when reception is
complete. An interrupt will be generated if the
RCIE bit was set.
6.
If 9-bit mode is enabled, retrieve the Most
Significant bit from the RX9D bit of the RCSTA
register.
7.
Retrieve the 8 Least Significant bits from the
receive FIFO by reading the RCREG register.
8.
If an overrun error occurs, clear the error by
either clearing the CREN bit of the RCSTA
register or by clearing the SPEN bit which resets
the EUSART.
TABLE 12-10: REGISTERS ASSOCIATED WITH SYNCHRONOUS SLAVE RECEPTION
Name
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
Value on
POR, BOR
Value on
all other
Resets
BAUDCTL ABDOVF
RCIDL
—SCKP
BRG16
—
WUE
ABDEN
01-0 0-00
01-0 0-00
INTCON
GIE
PEIE
T0IE
INTE
RABIE
T0IF
INTF
RABIF
0000 000x
0000 000x
PIE1
—
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
-000 0000
-000 0000
PIR1
—
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
-000 0000
-000 0000
RCREG
EUSART Receive Data Register
0000 0000
0000 0000
RCSTA
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
0000 000x
0000 000x
SPBRG
BRG7
BRG6
BRG5
BRG4
BRG3
BRG2
BRG1
BRG0
0000 0000
0000 0000
SPBRGH
BRG15
BRG14
BRG13
BRG12
BRG11
BRG10
BRG9
BRG8
0000 0000
0000 0000
TRISB
TRISB7
TRISB6
TRISB5
TRISB4
1111 ----
1111 ----
TXREG
EUSART Transmit Data Register
0000 0000
0000 0000
TXSTA
CSRC
TX9
TXEN
SYNC
SENDB
BRGH
TRMT
TX9D
0000 0010
0000 0010
Legend:
x
= unknown, – = unimplemented read as ‘0’. Shaded cells are not used for Synchronous Slave Reception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com