Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F690IP Datasheet(PDF) 182 Page - Microchip Technology

Part # PIC16F690IP
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F690IP Datasheet(HTML) 182 Page - Microchip Technology

Back Button PIC16F690IP Datasheet HTML 178Page - Microchip Technology PIC16F690IP Datasheet HTML 179Page - Microchip Technology PIC16F690IP Datasheet HTML 180Page - Microchip Technology PIC16F690IP Datasheet HTML 181Page - Microchip Technology PIC16F690IP Datasheet HTML 182Page - Microchip Technology PIC16F690IP Datasheet HTML 183Page - Microchip Technology PIC16F690IP Datasheet HTML 184Page - Microchip Technology PIC16F690IP Datasheet HTML 185Page - Microchip Technology PIC16F690IP Datasheet HTML 186Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 306 page
background image
PIC16F631/677/685/687/689/690
DS41262E-page 180
© 2008 Microchip Technology Inc.
REGISTER 13-1:
SSPSTAT: SYNC SERIAL PORT STATUS REGISTER(1)
R/W-0
R/W-0
R-0
R-0
R-0
R-0
R-0
R-0
SMP
CKE
D/A
PS
R/W
UA
BF
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
SMP: SPI Data Input Sample Phase bit
SPI Master mode:
1
= Input data sampled at end of data output time
0
= Input data sampled at middle of data output time (Microwire)
SPI Slave mode:
SMP must be cleared when SPI is used in Slave mode
I2C™ mode:
This bit must be maintained clear
bit 6
CKE: SPI Clock Edge Select bit
SPI mode, CKP = 0:
1
= Data transmitted on rising edge of SCK (Microwire alternate)
0
= Data transmitted on falling edge of SCK
SPI mode, CKP = 1:
1
= Data transmitted on falling edge of SCK (Microwire default)
0
= Data transmitted on rising edge of SCK
I2C mode:
This bit must be maintained clear
bit 5
D/A: DATA/ADDRESS bit (I2C mode only)(2)
1
= Indicates that the last byte received or transmitted was data
0
= Indicates that the last byte received or transmitted was address
bit 4
P: Stop bit (I2C mode only)
This bit is cleared when the SSP module is disabled, or when the Start bit is detected last.
SSPEN is cleared.
1
= Indicates that a Stop bit has been detected last (this bit is ‘0’ on Reset)
0
= Stop bit was not detected last
bit 3
S: Start bit (I2C mode only)
This bit is cleared when the SSP module is disabled, or when the Stop bit is detected last.
SSPEN is cleared.
1
= Indicates that a Start bit has been detected last (this bit is ‘0’ on Reset)
0
= Start bit was not detected last
bit 2
R/W: READ/WRITE bit Information (I2C mode only)
This bit holds the R/W bit information following the last address match. This bit is only valid from the address match
to the next Start bit, Stop bit or ACK bit.
1
= Read
0
= Write
bit 1
UA: Update Address bit (10-bit I2C mode only)
1
= Indicates that the user needs to update the address in the SSPADD register
0
= Address does not need to be updated
bit 0
BF: Buffer Full Status bit
Receive (SPI and I2C modes):
1
= Receive complete, SSPBUF is full
0
= Receive not complete, SSPBUF is empty
Transmit (I2C mode only):
1
= Transmit in progress, SSPBUF is full
0
= Transmit complete, SSPBUF is empty
Note 1:
PIC16F687/PIC16F689/PIC16F690 only.
2:
Does not update if receive was ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com