Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F690IP Datasheet(PDF) 183 Page - Microchip Technology

Part # PIC16F690IP
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F690IP Datasheet(HTML) 183 Page - Microchip Technology

Back Button PIC16F690IP Datasheet HTML 179Page - Microchip Technology PIC16F690IP Datasheet HTML 180Page - Microchip Technology PIC16F690IP Datasheet HTML 181Page - Microchip Technology PIC16F690IP Datasheet HTML 182Page - Microchip Technology PIC16F690IP Datasheet HTML 183Page - Microchip Technology PIC16F690IP Datasheet HTML 184Page - Microchip Technology PIC16F690IP Datasheet HTML 185Page - Microchip Technology PIC16F690IP Datasheet HTML 186Page - Microchip Technology PIC16F690IP Datasheet HTML 187Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 306 page
background image
© 2008 Microchip Technology Inc.
DS41262E-page 181
PIC16F631/677/685/687/689/690
REGISTER 13-2:
SSPCON: SYNC SERIAL PORT CONTROL REGISTER(1)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
WCOL
SSPOV
SSPEN
CKP
SSPM3(2)
SSPM2(2)
SSPM1(2)
SSPM0(2)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
WCOL: Write Collision Detect bit
1
= The SSPBUF register is written while it is still transmitting the previous word (must be cleared in software)
0
= No collision
bit 6
SSPOV: Receive Overflow Indicator bit
In SPI mode:
1
= A new byte is received while the SSPBUF register is still holding the previous data. In case of overflow, the
data in SSPSR is lost. Overflow can only occur in Slave mode. The user must read the SSPBUF, even if only
transmitting data, to avoid setting overflow. In Master mode, the overflow bit is not set since each new recep-
tion (and transmission) is initiated by writing to the SSPBUF register.
0
= No overflow
In I2C™ mode:
1
= A byte is received while the SSPBUF register is still holding the previous byte. SSPOV is a “don’t care” in
Transmit mode. SSPOV must be cleared in software in either mode.
0
= No overflow
bit 5
SSPEN: Synchronous Serial Port Enable bit
In SPI mode:
1
= Enables serial port and configures SCK, SDO and SDI as serial port pins
0
= Disables serial port and configures these pins as I/O port pins
In I2C mode:
1
= Enables the serial port and configures the SDA and SCL pins as serial port pins
0
= Disables serial port and configures these pins as I/O port pins
In both modes, when enabled, these pins must be properly configured as input or output.
bit 4
CKP: Clock Polarity Select bit
In SPI mode:
1
= Idle state for clock is a high level (Microwire default)
0
= Idle state for clock is a low level (Microwire alternate)
In I2C mode:
SCK release control
1
= Enable clock
0
= Holds clock low (clock stretch). (Used to ensure data setup time.)
bit 3-0
SSPM<3:0>: Synchronous Serial Port Mode Select bits
0000
= SPI Master mode, clock = FOSC/4
0001
= SPI Master mode, clock = FOSC/16
0010
= SPI Master mode, clock = FOSC/64
0011
= SPI Master mode, clock = TMR2 output/2
0100
= SPI Slave mode, clock = SCK pin. SS pin control enabled.
0101
= SPI Slave mode, clock = SCK pin. SS pin control disabled. SS can be used as I/O pin.
0110
= I2C Slave mode, 7-bit address
0111
= I2C Slave mode, 10-bit address
1000
= Reserved
1001
= Load SSPMSK register at SSPADD SFR address(2)
1010
= Reserved
1011
= I2C Firmware Controlled Master mode (slave IDLE)
1100
= Reserved
1101
= Reserved
1110
= I2C Slave mode, 7-bit address with Start and Stop bit interrupts enabled
1111
= I2C Slave mode, 10-bit address with Start and Stop bit interrupts enabled
Note 1: PIC16F687/PIC16F689/PIC16F690 only.
2: When this mode is selected, any reads or writes to the SSPADD SFR address actually accesses the SSPMSK register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com