Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 235 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 235 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 231Page - Microchip Technology T0XCS Datasheet HTML 232Page - Microchip Technology T0XCS Datasheet HTML 233Page - Microchip Technology T0XCS Datasheet HTML 234Page - Microchip Technology T0XCS Datasheet HTML 235Page - Microchip Technology T0XCS Datasheet HTML 236Page - Microchip Technology T0XCS Datasheet HTML 237Page - Microchip Technology T0XCS Datasheet HTML 238Page - Microchip Technology T0XCS Datasheet HTML 239Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 235
PIC16(L)F1946/47
23.4.6
PWM STEERING MODE
In Single Output mode, PWM steering allows any of the
PWM pins to be the modulated signal. Additionally, the
same PWM signal can be simultaneously available on
multiple pins.
Once
the
Single
Output
mode
is
selected
(CCPxM<3:2> = 11 and PxM<1:0> = 00 of the
CCPxCON register), the user firmware can bring out
the same PWM signal to one, two, three or four output
pins by setting the appropriate STRx<D:A> bits of the
PSTRxCON register, as shown in Table 23-9.
While the PWM Steering mode is active, CCPxM<1:0>
bits of the CCPxCON register select the PWM output
polarity for the Px<D:A> pins.
The PWM auto-shutdown operation also applies to
PWM Steering mode as described in Section 23.4.3
“Enhanced PWM Auto-shutdown mode”. An
auto-shutdown event will only affect pins that have
PWM outputs enabled.
FIGURE 23-18:
SIMPLIFIED STEERING
BLOCK DIAGRAM
Note:
The associated TRIS bits must be set to
output (‘0’) to enable the pin output driver
in order to see the PWM signal on the pin.
1
0
TRIS
PxA pin
PORT Data
PxA Signal
STRxA
1
0
TRIS
PxB pin
PORT Data
STRxB
1
0
TRIS
PxC pin
PORT Data
STRxC
1
0
TRIS
PxD pin
PORT Data
STRxD
Note 1: Port outputs are configured as shown when
the CCPxCON register bits PxM<1:0> = 00
and CCPxM<3:2> = 11.
2: Single PWM output requires setting at least
one of the STRx bits.
CCPxM1
CCPxM0
CCPxM1
CCPxM0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com