Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 236 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 236 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 232Page - Microchip Technology T0XCS Datasheet HTML 233Page - Microchip Technology T0XCS Datasheet HTML 234Page - Microchip Technology T0XCS Datasheet HTML 235Page - Microchip Technology T0XCS Datasheet HTML 236Page - Microchip Technology T0XCS Datasheet HTML 237Page - Microchip Technology T0XCS Datasheet HTML 238Page - Microchip Technology T0XCS Datasheet HTML 239Page - Microchip Technology T0XCS Datasheet HTML 240Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 478 page
background image
PIC16(L)F1946/47
DS41414D-page 236
 2010-2012 Microchip Technology Inc.
23.4.6.1
Steering Synchronization
The STRxSYNC bit of the PSTRxCON register gives
the user two selections of when the steering event will
happen. When the STRxSYNC bit is ‘0’, the steering
event will happen at the end of the instruction that
writes to the PSTRxCON register. In this case, the
output signal at the Px<D:A> pins may be an
incomplete PWM waveform. This operation is useful
when the user firmware needs to immediately remove
a PWM signal from the pin.
When the STRxSYNC bit is ‘1’, the effective steering
update will happen at the beginning of the next PWM
period. In this case, steering on/off the PWM output will
always produce a complete PWM waveform.
Figures 23-19 and 23-20 illustrate the timing diagrams
of the PWM steering depending on the STRxSYNC
setting.
23.4.7
START-UP CONSIDERATIONS
When any PWM mode is used, the application
hardware must use the proper external pull-up and/or
pull-down resistors on the PWM output pins.
The CCPxM<1:0> bits of the CCPxCON register allow
the user to choose whether the PWM output signals are
active-high or active-low for each pair of PWM output
pins (PxA/PxC and PxB/PxD). The PWM output
polarities must be selected before the PWM pin output
drivers
are
enabled.
Changing
the
polarity
configuration while the PWM pin output drivers are
enable is not recommended since it may result in
damage to the application circuits.
The PxA, PxB, PxC and PxD output latches may not be
in the proper states when the PWM module is
initialized. Enabling the PWM pin output drivers at the
same time as the Enhanced PWM modes may cause
damage to the application circuit. The Enhanced PWM
modes must be enabled in the proper Output mode and
complete a full PWM cycle before enabling the PWM
pin output drivers. The completion of a full PWM cycle
is indicated by the TMRxIF bit of the PIRx register
being set as the second PWM period begins.
FIGURE 23-19:
EXAMPLE OF STEERING EVENT AT END OF INSTRUCTION (STRxSYNC = 0)
FIGURE 23-20:
EXAMPLE OF STEERING EVENT AT BEGINNING OF INSTRUCTION
(STRxSYNC = 1)
Note:
When the microcontroller is released from
Reset, all of the I/O pins are in the
high-impedance state. The external cir-
cuits must keep the power switch devices
in the Off state until the microcontroller
drives the I/O pins with the proper signal
levels or activates the PWM output(s).
PWM
P1n = PWM
STRx
P1<D:A>
PORT Data
PWM Period
PORT Data
PWM
PORT Data
P1n = PWM
STRx
P1<D:A>
PORT Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com