Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 280 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 280 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 276Page - Microchip Technology T0XCS Datasheet HTML 277Page - Microchip Technology T0XCS Datasheet HTML 278Page - Microchip Technology T0XCS Datasheet HTML 279Page - Microchip Technology T0XCS Datasheet HTML 280Page - Microchip Technology T0XCS Datasheet HTML 281Page - Microchip Technology T0XCS Datasheet HTML 282Page - Microchip Technology T0XCS Datasheet HTML 283Page - Microchip Technology T0XCS Datasheet HTML 284Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 478 page
background image
PIC16(L)F1946/47
DS41414D-page 280
 2010-2012 Microchip Technology Inc.
24.6.7
I2C MASTER MODE RECEPTION
Master mode reception is enabled by programming the
Receive Enable bit, RCEN bit of the SSPxCON2
register.
The Baud Rate Generator begins counting and on each
rollover, the state of the SCLx pin changes
(high-to-low/low-to-high) and data is shifted into the
SSPxSR. After the falling edge of the eighth clock, the
receive enable flag is automatically cleared, the con-
tents of the SSPxSR are loaded into the SSPxBUF, the
BF flag bit is set, the SSPxIF flag bit is set and the Baud
Rate Generator is suspended from counting, holding
SCLx low. The MSSPx is now in Idle state awaiting the
next command. When the buffer is read by the CPU,
the BF flag bit is automatically cleared. The user can
then send an Acknowledge bit at the end of reception
by setting the Acknowledge Sequence Enable, ACKEN
bit of the SSPxCON2 register.
24.6.7.1
BF Status Flag
In receive operation, the BF bit is set when an address
or data byte is loaded into SSPxBUF from SSPxSR. It
is cleared when the SSPxBUF register is read.
24.6.7.2
SSPOV Status Flag
In receive operation, the SSPOV bit is set when 8 bits
are received into the SSPxSR and the BF flag bit is
already set from a previous reception.
24.6.7.3
WCOL Status Flag
If the user writes the SSPxBUF when a receive is
already in progress (i.e., SSPxSR is still shifting in a
data byte), the WCOL bit is set and the contents of the
buffer are unchanged (the write does not occur).
24.6.7.4 Typical Receive Sequence:
1.
The user generates a Start condition by setting
the SEN bit of the SSPxCON2 register.
2.
SSPxIF is set by hardware on completion of the
Start.
3.
SSPxIF is cleared by software.
4.
User writes SSPxBUF with the slave address to
transmit and the R/W bit set.
5.
Address is shifted out the SDAx pin until all 8 bits
are transmitted. Transmission begins as soon
as SSPxBUF is written to.
6.
The MSSPx module shifts in the ACK bit from
the slave device and writes its value into the
ACKSTAT bit of the SSPxCON2 register.
7.
The MSSPx module generates an interrupt at
the end of the ninth clock cycle by setting the
SSPxIF bit.
8.
User sets the RCEN bit of the SSPxCON2 regis-
ter and the Master clocks in a byte from the slave.
9.
After the 8th falling edge of SCLx, SSPxIF and
BF are set.
10. Master clears SSPxIF and reads the received
byte from SSPxUF, clears BF.
11. Master sets ACK value sent to slave in ACKDT
bit of the SSPxCON2 register and initiates the
ACK by setting the ACKEN bit.
12. Masters ACK is clocked out to the Slave and
SSPxIF is set.
13. User clears SSPxIF.
14. Steps 8-13 are repeated for each received byte
from the slave.
15. Master sends a not ACK or Stop to end
communication.
Note:
The MSSPx module must be in an Idle
state before the RCEN bit is set or the
RCEN bit will be disregarded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com