Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 283 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 283 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 279Page - Microchip Technology T0XCS Datasheet HTML 280Page - Microchip Technology T0XCS Datasheet HTML 281Page - Microchip Technology T0XCS Datasheet HTML 282Page - Microchip Technology T0XCS Datasheet HTML 283Page - Microchip Technology T0XCS Datasheet HTML 284Page - Microchip Technology T0XCS Datasheet HTML 285Page - Microchip Technology T0XCS Datasheet HTML 286Page - Microchip Technology T0XCS Datasheet HTML 287Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 283
PIC16(L)F1946/47
FIGURE 24-31:
STOP CONDITION RECEIVE OR TRANSMIT MODE
24.6.10
SLEEP OPERATION
While in Sleep mode, the I2C Slave module can receive
addresses or data and when an address match or
complete byte transfer occurs, wake the processor
from Sleep (if the MSSPx interrupt is enabled).
24.6.11
EFFECTS OF A RESET
A Reset disables the MSSPx module and terminates
the current transfer.
24.6.12
MULTI-MASTER MODE
In Multi-Master mode, the interrupt generation on the
detection of the Start and Stop conditions allows the
determination of when the bus is free. The Stop (P) and
Start (S) bits are cleared from a Reset or when the
MSSPx module is disabled. Control of the I2C bus may
be taken when the P bit of the SSPxSTAT register is
set, or the bus is Idle, with both the S and P bits clear.
When the bus is busy, enabling the SSPx interrupt will
generate the interrupt when the Stop condition occurs.
In multi-master operation, the SDAx line must be
monitored for arbitration to see if the signal level is the
expected output level. This check is performed by
hardware with the result placed in the BCLxIF bit.
The states where arbitration can be lost are:
• Address Transfer
• Data Transfer
• A Start Condition
• A Repeated Start Condition
• An Acknowledge Condition
24.6.13
MULTI -MASTER COMMUNICATION,
BUS COLLISION AND BUS
ARBITRATION
Multi-Master mode support is achieved by bus arbitra-
tion. When the master outputs address/data bits onto
the SDAx pin, arbitration takes place when the master
outputs a ‘1’ on SDAx, by letting SDAx float high and
another master asserts a ‘0’. When the SCLx pin floats
high, data should be stable. If the expected data on
SDAx is a ‘1’ and the data sampled on the SDAx pin is
‘0’, then a bus collision has taken place. The master will
set the Bus Collision Interrupt Flag, BCLxIF, and reset
the I2C port to its Idle state (Figure 24-31).
If a transmit was in progress when the bus collision
occurred, the transmission is halted, the BF flag is
cleared, the SDAx and SCLx lines are deasserted and
the SSPxBUF can be written to. When the user ser-
vices the bus collision Interrupt Service Routine and if
the I2C bus is free, the user can resume communica-
tion by asserting a Start condition.
If a Start, Repeated Start, Stop or Acknowledge condi-
tion was in progress when the bus collision occurred, the
condition is aborted, the SDAx and SCLx lines are deas-
serted and the respective control bits in the SSPxCON2
register are cleared. When the user services the bus col-
lision Interrupt Service Routine and if the I2C bus is free,
the user can resume communication by asserting a Start
condition.
The master will continue to monitor the SDAx and SCLx
pins. If a Stop condition occurs, the SSPxIF bit will be set.
A write to the SSPxBUF will start the transmission of
data at the first data bit, regardless of where the
transmitter left off when the bus collision occurred.
In Multi-Master mode, the interrupt generation on the
detection of Start and Stop conditions allows the deter-
mination of when the bus is free. Control of the I2C bus
can be taken when the P bit is set in the SSPxSTAT
register, or the bus is Idle and the S and P bits are
cleared.
SCLx
SDAx
SDAx asserted low before rising edge of clock
Write to SSPxCON2,
set PEN
Falling edge of
SCLx = 1 for TBRG, followed by SDAx = 1 for TBRG
9th clock
SCLx brought high after TBRG
Note: TBRG = one Baud Rate Generator period.
TBRG
TBRG
after SDAx sampled high. P bit (SSPxSTAT<4>) is set.
TBRG
to setup Stop condition
ACK
P
TBRG
PEN bit (SSPxCON2<2>) is cleared by
hardware and the SSPxIF bit is set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com