Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 299 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 299 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 295Page - Microchip Technology T0XCS Datasheet HTML 296Page - Microchip Technology T0XCS Datasheet HTML 297Page - Microchip Technology T0XCS Datasheet HTML 298Page - Microchip Technology T0XCS Datasheet HTML 299Page - Microchip Technology T0XCS Datasheet HTML 300Page - Microchip Technology T0XCS Datasheet HTML 301Page - Microchip Technology T0XCS Datasheet HTML 302Page - Microchip Technology T0XCS Datasheet HTML 303Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 299
PIC16(L)F1946/47
25.1
EUSART Asynchronous Mode
The EUSART transmits and receives data using the
standard non-return-to-zero (NRZ) format. NRZ is
implemented with two levels: a VOH mark state which
represents a ‘1’ data bit, and a VOL space state which
represents a ‘0’ data bit. NRZ refers to the fact that
consecutively transmitted data bits of the same value
stay at the output level of that bit without returning to a
neutral level between each bit transmission. An NRZ
transmission port idles in the mark state. Each character
transmission consists of one Start bit followed by eight
or nine data bits and is always terminated by one or
more Stop bits. The Start bit is always a space and the
Stop bits are always marks. The most common data
format is 8 bits. Each transmitted bit persists for a period
of 1/(Baud Rate). An on-chip dedicated 8-bit/16-bit Baud
Rate Generator is used to derive standard baud rate
frequencies from the system oscillator. See Table 25-5
for examples of baud rate configurations.
The EUSART transmits and receives the LSb first. The
EUSART’s transmitter and receiver are functionally
independent, but share the same data format and baud
rate. Parity is not supported by the hardware, but can
be implemented in software and stored as the ninth
data bit.
25.1.1
EUSART ASYNCHRONOUS
TRANSMITTER
The EUSART transmitter block diagram is shown in
Figure 25-1. The heart of the transmitter is the serial
Transmit Shift Register (TSR), which is not directly
accessible by software. The TSR obtains its data from
the transmit buffer, which is the TXxREG register.
25.1.1.1
Enabling the Transmitter
The EUSART transmitter is enabled for asynchronous
operations by configuring the following three control
bits:
•TXEN = 1
• SYNC = 0
• SPEN = 1
All other EUSART control bits are assumed to be in
their default state.
Setting the TXEN bit of the TXxSTA register enables the
transmitter circuitry of the EUSART. Clearing the SYNC
bit of the TXxSTA register configures the EUSART for
asynchronous operation. Setting the SPEN bit of the
RCxSTA register enables the EUSART. The program-
mer must set the corresponding TRIS bit to configure the
TXx/CKx I/O pin as an output. If the TXx/CKx pin is
shared with an analog peripheral, the analog I/O function
must be disabled by clearing the corresponding ANSEL
bit.
25.1.1.2
Transmitting Data
A transmission is initiated by writing a character to the
TXxREG register. If this is the first character, or the
previous character has been completely flushed from
the TSR, the data in the TXxREG is immediately
transferred to the TSR register. If the TSR still contains
all or part of a previous character, the new character
data is held in the TXxREG until the Stop bit of the
previous character has been transmitted. The pending
character in the TXxREG is then transferred to the TSR
in one TCY immediately following the Stop bit
transmission. The transmission of the Start bit, data bits
and Stop bit sequence commences immediately
following the transfer of the data to the TSR from the
TXxREG.
25.1.1.3
Transmit Data Polarity
The polarity of the transmit data can be controlled with
the CKTXP bit of the BAUDxCON register. The default
state of this bit is ‘0’ which selects high true transmit
idle and data bits. Setting the CKTXP bit to ‘1’ will invert
the transmit data resulting in low true idle and data bits.
The CKTXP bit controls transmit data polarity only in
Asynchronous mode. In Synchronous mode the
CKTXP
bit
has
a
different
function.
See
Section 25.5.1.2 “Clock Polarity”
.
25.1.1.4
Transmit Interrupt Flag
The TXxIF interrupt flag bit of the PIR1/PIR3 register is
set whenever the EUSART transmitter is enabled and
no character is being held for transmission in the
TXxREG. In other words, the TXxIF bit is only clear
when the TSR is busy with a character and a new
character has been queued for transmission in the
TXxREG. The TXxIF flag bit is not cleared immediately
upon writing TXxREG. TXxIF becomes valid in the
second instruction cycle following the write execution.
Polling TXxIF immediately following the TXxREG write
will return invalid results. The TXxIF bit is read-only, it
cannot be set or cleared by software.
The TXxIF interrupt can be enabled by setting the
TXxIE interrupt enable bit of the PIE1/PIE4 register.
However, the TXxIF flag bit will be set whenever the
TXxREG is empty, regardless of the state of TXxIE
enable bit.
To use interrupts when transmitting data, set the TXxIE
bit only when there is more data to send. Clear the
TXxIE interrupt enable bit upon writing the last
character of the transmission to the TXxREG.
Note:
The TXxIF transmitter interrupt flag is set
when the TXEN enable bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com