Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 303 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 303 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 299Page - Microchip Technology T0XCS Datasheet HTML 300Page - Microchip Technology T0XCS Datasheet HTML 301Page - Microchip Technology T0XCS Datasheet HTML 302Page - Microchip Technology T0XCS Datasheet HTML 303Page - Microchip Technology T0XCS Datasheet HTML 304Page - Microchip Technology T0XCS Datasheet HTML 305Page - Microchip Technology T0XCS Datasheet HTML 306Page - Microchip Technology T0XCS Datasheet HTML 307Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 303
PIC16(L)F1946/47
25.1.2.4
Receive Interrupts
The RCxIF interrupt flag bit of the PIR1/PIR3 register is
set whenever the EUSART receiver is enabled and
there is an unread character in the receive FIFO. The
RCxIF interrupt flag bit is read-only, it cannot be set or
cleared by software.
RCxIF interrupts are enabled by setting the following
bits:
• RCxIE interrupt enable bit of the PIE1/PIE4
register
• PEIE peripheral interrupt enable bit of the INTCON
register
• GIE global interrupt enable bit of the INTCON
register
The RCxIF interrupt flag bit will be set when there is an
unread character in the FIFO, regardless of the state of
interrupt enable bits.
25.1.2.5
Receive Framing Error
Each character in the receive FIFO buffer has a
corresponding framing error Status bit. A framing error
indicates that a Stop bit was not seen at the expected
time. The framing error status is accessed via the
FERR bit of the RCxSTA register. The FERR bit
represents the status of the top unread character in the
receive FIFO. Therefore, the FERR bit must be read
before reading the RCxREG.
The FERR bit is read-only and only applies to the top
unread character in the receive FIFO. A framing error
(FERR = 1) does not preclude reception of additional
characters. It is not necessary to clear the FERR bit.
Reading the next character from the FIFO buffer will
advance the FIFO to the next character and the next
corresponding framing error.
The FERR bit can be forced clear by clearing the SPEN
bit of the RCxSTA register which resets the EUSART.
Clearing the CREN bit of the RCxSTA register does not
affect the FERR bit. A framing error by itself does not
generate an interrupt.
25.1.2.6
Receive Overrun Error
The receive FIFO buffer can hold two characters. An
overrun error will be generated If a third character, in its
entirety, is received before the FIFO is accessed. When
this happens the OERR bit of the RCxSTA register is
set. The characters already in the FIFO buffer can be
read but no additional characters will be received until
the error is cleared. The error must be cleared by either
clearing the CREN bit of the RCxSTA register or by
resetting the EUSART by clearing the SPEN bit of the
RCxSTA register.
25.1.2.7
Receiving 9-bit Characters
The EUSART supports 9-bit character reception. When
the RX9 bit of the RCxSTA register is set, the EUSART
will shift 9 bits into the RSR for each character
received. The RX9D bit of the RCxSTA register is the
ninth and Most Significant data bit of the top unread
character in the receive FIFO. When reading 9-bit data
from the receive FIFO buffer, the RX9D data bit must
be read before reading the 8 Least Significant bits from
the RCxREG.
25.1.2.8
Address Detection
A special Address Detection mode is available for use
when multiple receivers share the same transmission
line, such as in RS-485 systems. Address detection is
enabled by setting the ADDEN bit of the RCxSTA
register.
Address detection requires 9-bit character reception.
When address detection is enabled, only characters
with the ninth data bit set will be transferred to the
receive FIFO buffer, thereby setting the RCxIF interrupt
bit. All other characters will be ignored.
Upon receiving an address character, user software
determines if the address matches its own. Upon
address match, user software must disable address
detection by clearing the ADDEN bit before the next
Stop bit occurs. When user software detects the end of
the message, determined by the message protocol
used, software places the receiver back into the
Address Detection mode by setting the ADDEN bit.
Note:
If all receive characters in the receive
FIFO have framing errors, repeated reads
of the RCxREG will not clear the FERR
bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com