Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 319 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 319 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 315Page - Microchip Technology T0XCS Datasheet HTML 316Page - Microchip Technology T0XCS Datasheet HTML 317Page - Microchip Technology T0XCS Datasheet HTML 318Page - Microchip Technology T0XCS Datasheet HTML 319Page - Microchip Technology T0XCS Datasheet HTML 320Page - Microchip Technology T0XCS Datasheet HTML 321Page - Microchip Technology T0XCS Datasheet HTML 322Page - Microchip Technology T0XCS Datasheet HTML 323Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 319
PIC16(L)F1946/47
25.5.1.5
Synchronous Master Transmission
Set-up:
1.
Initialize the SPxBRGH, SPxBRGL register pair
and the BRGH and BRG16 bits to achieve the
desired baud rate (see Section 25.4 “EUSART
Baud Rate Generator (BRG)”
).
2.
Set the RXx/DTx and TXx/CKx TRIS controls to
‘1’.
3.
Enable the synchronous master serial port by
setting bits SYNC, SPEN and CSRC. Set the
TRIS bits corresponding to the RXx/DTx and
TXx/CKx I/O pins.
4.
Disable Receive mode by clearing bits SREN
and CREN.
5.
Enable Transmit mode by setting the TXEN bit.
6.
If 9-bit transmission is desired, set the TX9 bit.
7.
If interrupts are desired, set the TXxIE, GIE and
PEIE interrupt enable bits.
8.
If 9-bit transmission is selected, the ninth bit
should be loaded in the TX9D bit.
9.
Start transmission by loading data to the
TXxREG register.
FIGURE 25-10:
SYNCHRONOUS TRANSMISSION
FIGURE 25-11:
SYNCHRONOUS TRANSMISSION (THROUGH TXEN)
bit 0
bit 1
bit 7
Word 1
bit 2
bit 0
bit 1
bit 7
RXx/DTx
Write to
TXxREG Reg
TXxIF bit
(Interrupt Flag)
TXEN bit
‘1’
‘1’
Word 2
TRMT bit
Write Word 1
Write Word 2
Note:
Sync Master mode, SPxBRGL = 0, continuous transmission of two 8-bit words.
pin
TXx/CKx pin
TXx/CKx pin
(SCKP = 0)
(SCKP = 1)
RXx/DTx pin
TXx/CKx pin
Write to
TXxREG reg
TXxIF bit
TRMT bit
bit 0
bit 1
bit 2
bit 6
bit 7
TXEN bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com