Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 323 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 323 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 319Page - Microchip Technology T0XCS Datasheet HTML 320Page - Microchip Technology T0XCS Datasheet HTML 321Page - Microchip Technology T0XCS Datasheet HTML 322Page - Microchip Technology T0XCS Datasheet HTML 323Page - Microchip Technology T0XCS Datasheet HTML 324Page - Microchip Technology T0XCS Datasheet HTML 325Page - Microchip Technology T0XCS Datasheet HTML 326Page - Microchip Technology T0XCS Datasheet HTML 327Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 323
PIC16(L)F1946/47
25.5.2
SYNCHRONOUS SLAVE MODE
The following bits are used to configure the EUSART
for Synchronous slave operation:
• SYNC = 1
• CSRC = 0
• SREN = 0 (for transmit); SREN = 1 (for receive)
• CREN = 0 (for transmit); CREN = 1 (for receive)
• SPEN = 1
Setting the SYNC bit of the TXxSTA register configures
the device for synchronous operation. Clearing the
CSRC bit of the TXxSTA register configures the device as
a slave. Clearing the SREN and CREN bits of the
RCxSTA register ensures that the device is in the
Transmit mode, otherwise the device will be configured to
receive. Setting the SPEN bit of the RCxSTA register
enables the EUSART. If the RXx/DTx or TXx/CKx pins
are shared with an analog peripheral the analog I/O
functions must be disabled by clearing the corresponding
ANSEL bits.
RXx/DTx and TXx/CKx pin output drivers must be
disabled by setting the corresponding TRIS bits.
25.5.2.1
EUSART Synchronous Slave
Transmit
The operation of the Synchronous Master and Slave
modes
are
identical
(see
Section 25.5.1.3
“Synchronous Master Transmission”), except in the
case of the Sleep mode.
If two words are written to the TXxREG and then the
SLEEP instruction is executed, the following will occur:
1.
The first character will immediately transfer to
the TSR register and transmit.
2.
The second word will remain in TXxREG
register.
3.
The TXxIF bit will not be set.
4.
After the first character has been shifted out of
TSR, the TXxREG register will transfer the
second character to the TSR and the TXxIF bit
will now be set.
5.
If the PEIE and TXxIE bits are set, the interrupt
will wake the device from Sleep and execute the
next instruction. If the GIE bit is also set, the
program will call the Interrupt Service Routine.
25.5.2.2
Synchronous Slave Transmission
Set-up:
1.
Set the SYNC and SPEN bits and clear the
CSRC bit.
2.
Set the RXx/DTx and TXx/CKx TRIS controls to
‘1’.
3.
Clear the CREN and SREN bits.
4.
If using interrupts, ensure that the GIE and PEIE
bits of the INTCON register are set and set the
TXxIE bit.
5.
If 9-bit transmission is desired, set the TX9 bit.
6.
Enable transmission by setting the TXEN bit.
7.
If 9-bit transmission is selected, insert the Most
Significant bit into the TX9D bit.
8.
Start transmission by writing the
Least
Significant 8 bits to the TXxREG register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com