Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 325 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 325 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 321Page - Microchip Technology T0XCS Datasheet HTML 322Page - Microchip Technology T0XCS Datasheet HTML 323Page - Microchip Technology T0XCS Datasheet HTML 324Page - Microchip Technology T0XCS Datasheet HTML 325Page - Microchip Technology T0XCS Datasheet HTML 326Page - Microchip Technology T0XCS Datasheet HTML 327Page - Microchip Technology T0XCS Datasheet HTML 328Page - Microchip Technology T0XCS Datasheet HTML 329Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 325 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 325
PIC16(L)F1946/47
25.5.2.3
EUSART Synchronous Slave
Reception
The operation of the Synchronous Master and Slave
modes is identical (Section 25.5.1.6 “Synchronous
Master Reception”), with the following exceptions:
• Sleep
• CREN bit is always set, therefore the receiver is
never Idle
• SREN bit, which is a “don’t care” in Slave mode
A character may be received while in Sleep mode by
setting the CREN bit prior to entering Sleep. Once the
word is received, the RSR register will transfer the data
to the RCxREG register. If the RCxIE enable bit is set,
the interrupt generated will wake the device from Sleep
and execute the next instruction. If the GIE bit is also
set, the program will branch to the interrupt vector.
25.5.2.4
Synchronous Slave Reception
Set-up:
1.
Set the SYNC and SPEN bits and clear the
CSRC bit.
2.
Set the RXx/DTx and TXx/CKx TRIS controls to
‘1’.
3.
If using interrupts, ensure that the GIE and PEIE
bits of the INTCON register are set and set the
RCxIE bit.
4.
If 9-bit reception is desired, set the RX9 bit.
5.
Set the CREN bit to enable reception.
6.
The RCxIF bit will be set when reception is
complete. An interrupt will be generated if the
RCxIE bit was set.
7.
If 9-bit mode is enabled, retrieve the Most
Significant bit from the RX9D bit of the RCxSTA
register.
8.
Retrieve the 8 Least Significant bits from the
receive FIFO by reading the RCxREG register.
9.
If an overrun error occurs, clear the error by
either clearing the CREN bit of the RCxSTA
register or by clearing the SPEN bit which resets
the EUSART.
TABLE 25-10: REGISTERS ASSOCIATED WITH SYNCHRONOUS SLAVE RECEPTION
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
BAUD1CON
ABDOVF
RCIDL
—
SCKP
BRG16
—
WUE
ABDEN
309
BAUD2CON
ABDOVF
RCIDL
—
SCKP
BRG16
—
WUE
ABDEN
309
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
92
PIE1
—
ADIE
RC1IE
TX1IE
SSP1IE
CCP1IE
TMR2IE
TMR1IE
93
PIE4
—
—
RC2IE
TX2IE
—
—
BCL2IE
SSP2IE
96
PIR1
—
ADIF
RC1IF
TX1IF
SSP1IF
CCP1IF
TMR2IF
TMR1IF
97
PIR4
—
—
RC2IF
TX2IF
—
—
BCL2IF
SSP2IF
100
RC1REG
EUSART1 Receive Register
302*
RC1STA
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
308
RC2REG
EUSART2 Receive Register
302*
RC2STA
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
308
SP1BRGL
EUSART1 Baud Rate Generator, Low Byte
310*
SP1BRGH
EUSART1 Baud Rate Generator, High Byte
310*
SP2BRGL
EUSART2 Baud Rate Generator, Low Byte
310*
SP2BRGH
EUSART2 Baud Rate Generator, High Byte
310*
TX1STA
CSRC
TX9
TXEN
SYNC
SENDB
BRGH
TRMT
TX9D
302
TX2STA
CSRC
TX9
TXEN
SYNC
SENDB
BRGH
TRMT
TX9D
307
Legend:
— = unimplemented locations, read as ‘0’. Shaded bits are not used for synchronous slave reception.
*
Page provides register information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com