Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 327 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 327 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 323Page - Microchip Technology T0XCS Datasheet HTML 324Page - Microchip Technology T0XCS Datasheet HTML 325Page - Microchip Technology T0XCS Datasheet HTML 326Page - Microchip Technology T0XCS Datasheet HTML 327Page - Microchip Technology T0XCS Datasheet HTML 328Page - Microchip Technology T0XCS Datasheet HTML 329Page - Microchip Technology T0XCS Datasheet HTML 330Page - Microchip Technology T0XCS Datasheet HTML 331Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 327
PIC16(L)F1946/47
26.0 CAPACITIVE SENSING (CPS)
MODULE
The Capacitive Sensing (CPS) module allows for an
interaction with an end user without a mechanical
interface. In a typical application, the CPS module is
attached to a pad on a Printed Circuit Board (PCB),
which is electrically isolated from the end user. When the
end user places their finger over the PCB pad, a
capacitive load is added, causing a frequency shift in the
CPS module. The CPS module requires software and at
least one timer resource to determine the change in
frequency. Key features of this module include:
• Analog MUX for monitoring multiple inputs
• Capacitive sensing oscillator
• Multiple power modes
• Multiple current ranges
• Multiple voltage reference modes
• Software control
• Operation during Sleep
FIGURE 26-1:
CAPACITIVE SENSING BLOCK DIAGRAM
Note 1:
If CPSON = 0, disabling capacitive sensing, no channel is selected.
TMR0CS
CPS0
CPS1
CPS2
CPS3
CPS4
CPS5
CPS6
CPS7
CPS8
CPS9
CPS10
CPSCH<3:0>
Capacitive
Sensing
Oscillator
CPSOSC
CPSON
CPSRNG<1:0>
TMR0
0
1
Set
TMR0IF
Overflow
T0XCS
0
1
T0CKI
CPS11
CPS12
CPS13
CPS14
CPS15
CPSCLK
FOSC/4
Timer0 Module
CPSON(1)
TMR1CS<1:0>
T1OSC/
T1CKI
TMR1H:TMR1L
EN
T1GSEL<1:0>
Timer1 Gate
Control Logic
T1G
FOSC
FOSC/4
Timer1 Module
sync_C1OUT
sync_C2OUT
0
1
Int.
Ref.
FVR
DAC
Ref+
Ref-
CPSRM
0
1
CPS16
CPSOUT
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com