Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 330 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 330 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 326Page - Microchip Technology T0XCS Datasheet HTML 327Page - Microchip Technology T0XCS Datasheet HTML 328Page - Microchip Technology T0XCS Datasheet HTML 329Page - Microchip Technology T0XCS Datasheet HTML 330Page - Microchip Technology T0XCS Datasheet HTML 331Page - Microchip Technology T0XCS Datasheet HTML 332Page - Microchip Technology T0XCS Datasheet HTML 333Page - Microchip Technology T0XCS Datasheet HTML 334Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 478 page
background image
PIC16(L)F1946/47
DS41414D-page 330
 2010-2012 Microchip Technology Inc.
26.2.2
CURRENT RANGES
The capacitive sensing oscillator can operate in one of
seven different power modes. The power modes are
separated into two ranges; the low range and the high
range.
When the oscillator’s low range is selected, the fixed
internal voltage references of the capacitive sensing
oscillator are being used. When the oscillator’s high
range is selected, the variable voltage references
supplied by the FVR and DAC modules are being used.
Selection between the voltage references is controlled
by the CPSRM bit of the CPSCON0 register. See
Section 26.2.1 “Voltage Reference Modes”
for more
information.
Within each range there are three distinct Power modes;
low, medium and high. Current consumption is dependent
upon the range and mode selected. Selecting Power
modes within each range is accomplished by configuring
the CPSRNG <1:0> bits in the CPSCON0 register. See
Table 26-1 for proper Power mode selection.
The remaining mode is a Noise Detection mode that
resides within the high range. The Noise Detection
mode is unique in that it disables the sinking and sourc-
ing of current on the analog pin but leaves the rest of
the oscillator circuitry active. This reduces the oscilla-
tion frequency on the analog pin to zero and also
greatly reduces the current consumed by the oscillator
module.
When noise is introduced onto the pin, the oscillator is
driven at the frequency determined by the noise. This
produces a detectable signal at the comparator output,
indicating the presence of activity on the pin.
Figure 26-2 shows a more detailed drawing of the
current sources and comparators associated with the
oscillator.
TABLE 26-1:
POWER MODE SELECTION
26.2.3
TIMER RESOURCES
To measure the change in frequency of the capacitive
sensing oscillator, a fixed time base is required. For the
period of the fixed time base, the capacitive sensing
oscillator is used to clock either Timer0 or Timer1. The
frequency of the capacitive sensing oscillator is equal
to the number of counts in the timer divided by the
period of the fixed time base.
26.2.4
FIXED TIME BASE
To measure the frequency of the capacitive sensing
oscillator, a fixed time base is required. Any timer
resource or software loop can be used to establish the
fixed time base. It is up to the end user to determine the
method in which the fixed time base is generated.
26.2.4.1
Timer0
To select Timer0 as the timer resource for the CPS
module:
• Set the T0XCS bit of the CPSCON0 register.
• Clear the TMR0CS bit of the OPTION_REG
register.
When Timer0 is chosen as the timer resource, the
capacitive sensing oscillator will be the clock source for
Timer0. Refer to Section 20.0 “Timer0 Module” for
additional information.
CPSRM
Range
CPSRNG<1:0>
Current Range
Nominal Current(1)
1
High
00
Noise Detection
0.0
A
01
Low
9
A
10
Medium
30
A
11
High
100
A
0
Low
00
Off
0.0
A
01
Low
0.25
A
10
Medium
1.5
A
11
High
7.5
A
Note 1:
See Section 30.0 “Electrical Specifications” for more information.
Note:
The fixed time base can not be generated
by the timer resource that the capacitive
sensing oscillator is clocking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com