Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 333 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 333 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 329Page - Microchip Technology T0XCS Datasheet HTML 330Page - Microchip Technology T0XCS Datasheet HTML 331Page - Microchip Technology T0XCS Datasheet HTML 332Page - Microchip Technology T0XCS Datasheet HTML 333Page - Microchip Technology T0XCS Datasheet HTML 334Page - Microchip Technology T0XCS Datasheet HTML 335Page - Microchip Technology T0XCS Datasheet HTML 336Page - Microchip Technology T0XCS Datasheet HTML 337Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 333 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 333
PIC16(L)F1946/47
26.4
Register Definitions: Capacitive Sensing Control
REGISTER 26-1:
CPSCON0: CAPACITIVE SENSING CONTROL REGISTER 0
R/W-0/0
R/W-0/0
U-0
U-0
R/W-0/0
R/W-0/0
R-0/0
R/W-0/0
CPSON
CPSRM
—
—
CPSRNG<1:0>
CPSOUT
T0XCS
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
CPSON:
CPS Module Enable bit
1 = CPS module is enabled
0 = CPS module is disabled
bit 6
CPSRM:
Capacitive Sensing Reference Mode bit
1 = CPS module is in high range. DAC and FVR provide oscillator voltage references.
0 = CPS module is in the low range. Internal oscillator voltage references are used.
bit 5-4
Unimplemented:
Read as ‘0’
bit 3-2
CPSRNG<1:0>:
Capacitive Sensing Current Range bits
If CPSRM = 0 (low range):
11 = Oscillator is in High Range. Charge/Discharge Current is nominally 18 µA
10 = Oscillator is in Medium Range. Charge/Discharge Current is nominally 1.2 µA
01 = Oscillator is in Low Range. Charge/Discharge Current is nominally 0.1 µA
00 = Oscillator is off
If CPSRM = 1 (high range):
11 = Oscillator is in High Range. Charge/Discharge Current is nominally 100 µA
10 = Oscillator is in Medium Range. Charge/Discharge Current is nominally 30 µA
01 = Oscillator is in Low Range. Charge/Discharge Current is nominally 9 µA
00 = Oscillator is on. Noise Detection mode. No Charge/Discharge current is supplied.
bit 1
CPSOUT:
Capacitive Sensing Oscillator Status bit
1 = Oscillator is sourcing current (Current flowing out of the pin)
0 = Oscillator is sinking current (Current flowing into the pin)
bit 0
T0XCS:
Timer0 External Clock Source Select bit
If TMR0CS = 1:
The T0XCS bit controls which clock external to the core/Timer0 module supplies Timer0:
1 = Timer0 clock source is the capacitive sensing oscillator
0 = Timer0 clock source is the T0CKI pin
If TMR0CS = 0:
Timer0 clock source is controlled by the core/Timer0 module and is FOSC/4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com