Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 350 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 350 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 346Page - Microchip Technology T0XCS Datasheet HTML 347Page - Microchip Technology T0XCS Datasheet HTML 348Page - Microchip Technology T0XCS Datasheet HTML 349Page - Microchip Technology T0XCS Datasheet HTML 350Page - Microchip Technology T0XCS Datasheet HTML 351Page - Microchip Technology T0XCS Datasheet HTML 352Page - Microchip Technology T0XCS Datasheet HTML 353Page - Microchip Technology T0XCS Datasheet HTML 354Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 350 / 478 page
background image
PIC16(L)F1946/47
DS41414D-page 350
 2010-2012 Microchip Technology Inc.
27.7
LCD Multiplex Types
The LCD driver module can be configured into one of
four multiplex types:
• Static (only COM0 is used)
• 1/2 multiplex (COM<1:0> are used)
• 1/3 multiplex (COM<2:0> are used)
• 1/4 multiplex (COM<3:0> are used)
The LMUX<1:0> bit setting of the LCDCON register
decides which of the LCD common pins are used (see
Table 27-4 for details).
If the pin is a digital I/O, the corresponding TRIS bit
controls the data direction. If the pin is a COM drive,
then the TRIS setting of that pin is overridden.
TABLE 27-4:
COMMON PIN USAGE
27.8
Segment Enables
The LCDSEn registers are used to select the pin
function for each segment pin. The selection allows
each pin to operate as either an LCD segment driver or
as one of the pin’s alternate functions. To configure the
pin as a segment pin, the corresponding bits in the
LCDSEn registers must be set to ‘1’.
If the pin is a digital I/O, the corresponding TRIS bit
controls the data direction. Any bit set in the LCDSEn
registers overrides any bit settings in the corresponding
TRIS register.
27.9
Pixel Control
The LCDDATAx registers contain bits which define the
state of each pixel. Each bit defines one unique pixel.
Register 27-6 shows the correlation of each bit in the
LCDDATAx registers to the respective common and
segment signals.
Any LCD pixel location not being used for display can
be used as general purpose RAM.
27.10 LCD Frame Frequency
The rate at which the COM and SEG outputs change is
called the LCD frame frequency.
TABLE 27-5:
FRAME FREQUENCY
FORMULAS
TABLE 27-6:
APPROXIMATE FRAME
FREQUENCY (IN Hz) USING
FOSC @ 8 MHz, TIMER1 @
32.768 kHz OR LFINTOSC
Multiplex
LMUX
<1:0>
COM3
COM2
COM1
COM0
Static
00
Unused Unused Unused
Active
1/2
01
Unused Unused
Active
Active
1/3
10
Unused
Active
Active
Active
1/4
11
Active
Active
Active
Active
Note:
On a Power-on Reset, these pins are
configured as normal I/O, not LCD pins.
Multiplex
Frame Frequency(2) =
Static
Clock source/(4 x (LCD Prescaler) x 32 x 1))
1/2
Clock source/(2 x (LCD Prescaler) x 32 x 2))
1/3
Clock source/(1 x (LCD Prescaler) x 32 x 3))
1/4
Clock source/(1 x (LCD Prescaler) x 32 x 4))
Note 1: Clock source is FOSC/256, T1OSC or
LFINTOSC.
2: See Figure 27-2.
LP<3:0>
Static
1/2
1/3
1/4
2
122
122
162
122
3
81
81
108
81
461
61
81
61
549
49
65
49
641
41
54
41
735
35
47
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com