Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 352 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 352 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 348Page - Microchip Technology T0XCS Datasheet HTML 349Page - Microchip Technology T0XCS Datasheet HTML 350Page - Microchip Technology T0XCS Datasheet HTML 351Page - Microchip Technology T0XCS Datasheet HTML 352Page - Microchip Technology T0XCS Datasheet HTML 353Page - Microchip Technology T0XCS Datasheet HTML 354Page - Microchip Technology T0XCS Datasheet HTML 355Page - Microchip Technology T0XCS Datasheet HTML 356Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 352 / 478 page
background image
PIC16(L)F1946/47
DS41414D-page 352
 2010-2012 Microchip Technology Inc.
27.11 LCD Waveform Generation
LCD waveforms are generated so that the net AC
voltage across the dark pixel should be maximized and
the net AC voltage across the clear pixel should be
minimized. The net DC voltage across any pixel should
be zero.
The COM signal represents the time slice for each
common, while the SEG contains the pixel data.
The pixel signal (COM-SEG) will have no DC
component and it can take only one of the two RMS
values. The higher RMS value will create a dark pixel
and a lower RMS value will create a clear pixel.
As the number of commons increases, the delta
between the two RMS values decreases. The delta
represents the maximum contrast that the display can
have.
The LCDs can be driven by two types of waveform:
Type-A and Type-B. In Type-A waveform, the phase
changes within each common type, whereas in Type-B
waveform, the phase changes on each frame
boundary. Thus, Type-A waveform maintains 0 VDC
over a single frame, whereas Type-B waveform takes
two frames.
Figure 27-8 through Figure 27-18 provide waveforms
for static, half-multiplex, 1/3-multiplex and 1/4-multiplex
drives for Type-A and Type-B waveforms.
FIGURE 27-8:
TYPE-A/TYPE-B WAVEFORMS IN STATIC DRIVE
Note 1:
If Sleep has to be executed with LCD
Sleep disabled (LCDCON<SLPEN> is
‘1’), then care must be taken to execute
Sleep only when VDC on all the pixels is
‘0’.
2:
When the LCD clock source is FOSC/256,
if Sleep is executed, irrespective of the
LCDCON<SLPEN> setting, the LCD
immediately goes into Sleep. Thus, take
care to see that VDC on all pixels is ‘0’
when Sleep is executed.
V1
V0
COM0 pin
SEG0 pin
COM0-SEG0
COM0-SEG1
SEG1 pin
V1
V0
V1
V0
V0
V1
-V1
V0
1 Frame
COM0
segment voltage
(active)
segment voltage
(inactive)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com