Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 367 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 367 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 363Page - Microchip Technology T0XCS Datasheet HTML 364Page - Microchip Technology T0XCS Datasheet HTML 365Page - Microchip Technology T0XCS Datasheet HTML 366Page - Microchip Technology T0XCS Datasheet HTML 367Page - Microchip Technology T0XCS Datasheet HTML 368Page - Microchip Technology T0XCS Datasheet HTML 369Page - Microchip Technology T0XCS Datasheet HTML 370Page - Microchip Technology T0XCS Datasheet HTML 371Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 367 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 367
PIC16(L)F1946/47
27.14 Configuring the LCD Module
The following is the sequence of steps to configure the
LCD module.
1.
Select the frame clock prescale using bits
LP<3:0> of the LCDPS register.
2.
Configure the appropriate pins to function as
segment drivers using the LCDSEn registers.
3.
Configure the LCD module for the following
using the LCDCON register:
- Multiplex and Bias mode, bits LMUX<1:0>
- Timing source, bits CS<1:0>
- Sleep mode, bit SLPEN
4.
Write initial values to pixel data registers,
LCDDATA0 through LCDDATA23.
5.
Clear LCD Interrupt Flag, LCDIF bit of the PIR2
register and if desired, enable the interrupt by
setting bit LCDIE of the PIE2 register.
6.
Configure bias voltages by setting the LCDRL,
LCDREF and the associated ANSELx
registers as needed.
7.
Enable the LCD module by setting bit LCDEN of
the LCDCON register.
27.15 Disabling the LCD Module
To disable the LCD module, write all ‘0’s to the
LCDCON register.
27.16 LCD Current Consumption
When using the LCD module the current consumption
consists of the following three factors:
• Oscillator Selection
• LCD Bias Source
• Capacitance of the LCD segments
The current consumption of just the LCD module can
be considered negligible compared to these other
factors.
27.16.1
OSCILLATOR SELECTION
The current consumed by the clock source selected
must be considered when using the LCD module. See
Section 30.0 “Electrical Specifications”
for oscillator
current consumption information.
27.16.2
LCD BIAS SOURCE
The LCD bias source, internal or external, can contrib-
ute significantly to the current consumption. Use the
highest possible resistor values while maintaining
contrast to minimize current.
27.16.3
CAPACITANCE OF THE LCD
SEGMENTS
The LCD segments which can be modeled as capaci-
tors which must be both charged and discharged every
frame. The size of the LCD segment and its technology
determines the segment’s capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com