Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 371 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 371 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 367Page - Microchip Technology T0XCS Datasheet HTML 368Page - Microchip Technology T0XCS Datasheet HTML 369Page - Microchip Technology T0XCS Datasheet HTML 370Page - Microchip Technology T0XCS Datasheet HTML 371Page - Microchip Technology T0XCS Datasheet HTML 372Page - Microchip Technology T0XCS Datasheet HTML 373Page - Microchip Technology T0XCS Datasheet HTML 374Page - Microchip Technology T0XCS Datasheet HTML 375Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 371
PIC16(L)F1946/47
28.0 IN-CIRCUIT SERIAL
PROGRAMMING™ (ICSP™)
ICSP™ programming allows customers to manufacture
circuit boards with unprogrammed devices. Programming
can be done after the assembly process allowing the
device to be programmed with the most recent firmware
or a custom firmware. Five pins are needed for ICSP™
programming:
• ICSPCLK
• ICSPDAT
•MCLR/VPP
•VDD
•VSS
In Program/Verify mode the program memory, user IDs
and the Configuration Words are programmed through
serial communications. The ICSPDAT pin is a
bidirectional I/O used for transferring the serial data
and the ICSPCLK pin is the clock input. For more
information
on
ICSP™
refer
to
the
“PIC16F193X/LF193X/PIC16F194X/LF194X Memory
Programming Specification” (DS41397).
28.1
High-Voltage Programming Entry
Mode
The device is placed into High-Voltage Programming
Entry mode by holding the ICSPCLK and ICSPDAT
pins low then raising the voltage on MCLR/VPP to VIHH.
Some programmers produce VPP greater than VIHH
(9.0V), an external circuit is required to limit the VPP
voltage. See Figure 28-1 for example circuit.
FIGURE 28-1:
VPP LIMITER EXAMPLE CIRCUIT
VREF
VPP
VDD
VSS
ICSP_DATA
ICSP_CLOCK
NC
RJ11-6PIN
RJ11-6PIN
R1
270 Ohm
To MPLAB® ICD 2
To Target Board
1
2
3
4
5
61
2
3
4
5
6
R2
R3
10k 1%
24k 1%
U1
LM431BCMX
A
2
3
6
7
8
A
A
A
K
NC
NC
1
4
5
Note:
The MPLAB® ICD 2 produces a VPP
voltage greater than the maximum VPP
specification of the PIC16(L)F1946/47.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com