Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 372 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 372 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 368Page - Microchip Technology T0XCS Datasheet HTML 369Page - Microchip Technology T0XCS Datasheet HTML 370Page - Microchip Technology T0XCS Datasheet HTML 371Page - Microchip Technology T0XCS Datasheet HTML 372Page - Microchip Technology T0XCS Datasheet HTML 373Page - Microchip Technology T0XCS Datasheet HTML 374Page - Microchip Technology T0XCS Datasheet HTML 375Page - Microchip Technology T0XCS Datasheet HTML 376Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 372 / 478 page
background image
PIC16(L)F1946/47
DS41414D-page 372
 2010-2012 Microchip Technology Inc.
28.2
Low-Voltage Programming Entry
Mode
The Low-Voltage Programming Entry mode allows the
PIC® Flash MCUs to be programmed using VDD only,
without high voltage. When the LVP bit of Configuration
Words is set to ‘1’, the low-voltage ICSP programming
entry is enabled. To disable the Low-Voltage ICSP
mode, the LVP bit must be programmed to ‘0’.
Entry into the Low-Voltage Programming Entry mode
requires the following steps:
1.
MCLR is brought to VIL.
2.
A 32-bit key sequence is presented on
ICSPDAT, while clocking ICSPCLK.
Once the key sequence is complete, MCLR must be
held at VIL for as long as Program/Verify mode is to be
maintained.
If low-voltage programming is enabled (LVP = 1), the
MCLR Reset function is automatically enabled and
cannot be disabled. See Section 6.4 “MCLR” for more
information.
The LVP bit can only be reprogrammed to ‘0’ by using
the High-Voltage Programming mode.
28.3
Common Programming Interfaces
Connection to a target device is typically done through
an ICSP™ header. A commonly found connector on
development tools is the RJ-11 in the 6P6C (6-pin, 6
connector) configuration. See Figure 28-2.
FIGURE 28-2:
ICD RJ-11 STYLE
CONNECTOR INTERFACE
Another connector often found in use with the PICkit™
programmers is a standard 6-pin header with 0.1 inch
spacing. Refer to Figure 28-3.
FIGURE 28-3:
PICKit™ PROGRAMMER STYLE CONNECTOR INTERFACE
1
2
3
4
5
6
Target
Bottom Side
PC Board
VPP/MCLR
VSS
ICSPCLK
VDD
ICSPDAT
NC
Pin Description*
1 = VPP/MCLR
2 = VDD Target
3 = VSS (ground)
4 = ICSPDAT
5 = ICSPCLK
6 = No Connect
1
2
3
4
5
6
* The 6-pin header (0.100" spacing) accepts 0.025" square pins.
Pin Description*
1 = VPP/MCLR
2 = VDD Target
3 = VSS (ground)
4 = ICSPDAT
5 = ICSPCLK
6 = No Connect
Pin 1 Indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com