Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 375 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 375 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 371Page - Microchip Technology T0XCS Datasheet HTML 372Page - Microchip Technology T0XCS Datasheet HTML 373Page - Microchip Technology T0XCS Datasheet HTML 374Page - Microchip Technology T0XCS Datasheet HTML 375Page - Microchip Technology T0XCS Datasheet HTML 376Page - Microchip Technology T0XCS Datasheet HTML 377Page - Microchip Technology T0XCS Datasheet HTML 378Page - Microchip Technology T0XCS Datasheet HTML 379Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 375
PIC16(L)F1946/47
29.0 INSTRUCTION SET SUMMARY
Each instruction is a 14-bit word containing the opera-
tion code (opcode) and all required operands. The
opcodes are broken into three broad categories.
• Byte Oriented
• Bit Oriented
• Literal and Control
The literal and control category contains the most var-
ied instruction word format.
<Link>Table 29-3 lists the instructions recognized by
the MPASMTM assembler.
All instructions are executed within a single instruction
cycle, with the following exceptions, which may take
two or three cycles:
• Subroutine takes two cycles (CALL, CALLW)
• Returns from interrupts or subroutines take two
cycles (RETURN, RETLW, RETFIE)
• Program branching takes two cycles (GOTO, BRA,
BRW, BTFSS, BTFSC, DECFSZ, INCSFZ)
• One additional instruction cycle will be used when
any instruction references an indirect file register
and the file select register is pointing to program
memory.
One instruction cycle consists of 4 oscillator cycles; for
an oscillator frequency of 4 MHz, this gives a nominal
instruction execution rate of 1 MHz.
All instruction examples use the format ‘0xhh’ to
represent a hexadecimal number, where ‘h’ signifies a
hexadecimal digit.
29.1
Read-Modify-Write Operations
Any instruction that specifies a file register as part of
the instruction performs a Read-Modify-Write (R-M-W)
operation. The register is read, the data is modified,
and the result is stored according to either the instruc-
tion, or the destination designator ‘d’. A read operation
is performed on a register even if the instruction writes
to that register.
TABLE 29-1:
OPCODE FIELD
DESCRIPTIONS
TABLE 29-2:
ABBREVIATION
DESCRIPTIONS
Field
Description
f
Register file address (0x00 to 0x7F)
W
Working register (accumulator)
b
Bit address within an 8-bit file register
k
Literal field, constant data or label
x
Don’t care location (= 0 or 1).
The assembler will generate code with x = 0.
It is the recommended form of use for
compatibility with all Microchip software tools.
d
Destination select; d = 0: store result in W,
d = 1: store result in file register f.
Default is d = 1.
n
FSR or INDF number. (0-1)
mm
Pre-post increment-decrement mode
selection
Field
Description
PC
Program Counter
TO
Time-out bit
C
Carry bit
DC
Digit carry bit
Z
Zero bit
PD
Power-down bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com