Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 378 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 378 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 374Page - Microchip Technology T0XCS Datasheet HTML 375Page - Microchip Technology T0XCS Datasheet HTML 376Page - Microchip Technology T0XCS Datasheet HTML 377Page - Microchip Technology T0XCS Datasheet HTML 378Page - Microchip Technology T0XCS Datasheet HTML 379Page - Microchip Technology T0XCS Datasheet HTML 380Page - Microchip Technology T0XCS Datasheet HTML 381Page - Microchip Technology T0XCS Datasheet HTML 382Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 478 page
background image
PIC16(L)F1946/47
DS41414D-page 378
 2010-2012 Microchip Technology Inc.
TABLE 29-3:
PIC16(L)F1946/47 ENHANCED INSTRUCTION SET (CONTINUED)
Mnemonic,
Operands
Description
Cycles
14-Bit Opcode
Status
Affected
Notes
MSb
LSb
CONTROL OPERATIONS
BRA
BRW
CALL
CALLW
GOTO
RETFIE
RETLW
RETURN
k
–
k
–
k
k
k
–
Relative Branch
Relative Branch with W
Call Subroutine
Call Subroutine with W
Go to address
Return from interrupt
Return with literal in W
Return from Subroutine
2
2
2
2
2
2
2
2
11
00
10
00
10
00
11
00
001k
0000
0kkk
0000
1kkk
0000
0100
0000
kkkk
0000
kkkk
0000
kkkk
0000
kkkk
0000
kkkk
1011
kkkk
1010
kkkk
1001
kkkk
1000
INHERENT OPERATIONS
CLRWDT
NOP
OPTION
RESET
SLEEP
TRIS
–
–
–
–
–
f
Clear Watchdog Timer
No Operation
Load OPTION_REG register with W
Software device Reset
Go into Standby mode
Load TRIS register with W
1
1
1
1
1
1
00
00
00
00
00
00
0000
0000
0000
0000
0000
0000
0110
0000
0110
0000
0110
0110
0100
0000
0010
0001
0011
0fff
TO, PD
TO, PD
C-COMPILER OPTIMIZED
ADDFSR
MOVIW
MOVWI
n, k
n mm
k[n]
n mm
k[n]
Add Literal k to FSRn
Move Indirect FSRn to W with pre/post inc/dec
modifier, mm
Move INDFn to W, Indexed Indirect.
Move W to Indirect FSRn with pre/post inc/dec
modifier, mm
Move W to INDFn, Indexed Indirect.
1
1
1
1
1
11
00
11
00
11
0001
0000
1111
0000
1111
0nkk
0001
0nkk
0001
1nkk
kkkk
0nmm
kkkk
1nmm
kkkk
Z
Z
2, 3
2
2, 3
2
Note 1:If the Program Counter (PC) is modified, or a conditional test is true, the instruction requires two cycles. The second cycle is
executed as a NOP.
2:
If this instruction addresses an INDF register and the MSb of the corresponding FSR is set, this instruction will require
one additional instruction cycle.
3:
See Table in the MOVIW and MOVWI instruction descriptions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com