Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 392 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 392 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 388Page - Microchip Technology T0XCS Datasheet HTML 389Page - Microchip Technology T0XCS Datasheet HTML 390Page - Microchip Technology T0XCS Datasheet HTML 391Page - Microchip Technology T0XCS Datasheet HTML 392Page - Microchip Technology T0XCS Datasheet HTML 393Page - Microchip Technology T0XCS Datasheet HTML 394Page - Microchip Technology T0XCS Datasheet HTML 395Page - Microchip Technology T0XCS Datasheet HTML 396Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 392 / 478 page
background image
PIC16(L)F1946/47
DS41414D-page 392
 2010-2012 Microchip Technology Inc.
30.1
DC Characteristics: PIC16(L)F1946/47-I/E (Industrial, Extended)
PIC16LF1946/47
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
PIC16F1946/47
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
Param.
No.
Sym.
Characteristic
Min.
Typ†
Max.
Units
Conditions
D001
VDD
Supply Voltage (VDDMIN, VDDMAX)
PIC16LF1946/47
1.8
2.5
—
—
3.6
3.6
V
V
FOSC
 16 MHz:
FOSC
 32 MHz (NOTE 2)
D001
PIC16F1946/47
1.8
2.5
—
—
5.5
5.5
V
V
FOSC
 16 MHz:
FOSC
 32 MHz (NOTE 2)
D002*
VDR
RAM Data Retention Voltage(1)
PIC16LF1946/47
1.5
—
—
V
Device in Sleep mode
PIC16F1946/47
1.7
—
—
V
Device in Sleep mode
D002A* VPOR*
Power-on Reset Release Voltage
PIC16LF1946/47
—
1.6
—
V
PIC16F1946/47
—
1.6
—
V
D002B* VPORR*
Power-on Reset Rearm Voltage
PIC16LF1946/47
—
0.8
—
V
Device in Sleep mode
PIC16F1946/47
—
1.5
—
V
Device in Sleep mode
D003
VADFVR
Fixed Voltage Reference Voltage
for ADC
-8
—
6
%
1.024V, VDD
 2.5V
2.048V, VDD
 2.5V
4.096V, VDD
 4.75V
D003A
VCDAFVR
Fixed Voltage Reference Voltage
for Comparator and DAC
-11
—
7
%
1.024V, VDD
 2.5V
2.048V, VDD
 2.5V
4.096V, VDD
 4.75V
D003B
VLCDFVR
Fixed Voltage Reference Voltage
for LCD Bias, Initial Accuracy
-11
—
10
%
3.072V, VDD
 3.6V
D004*
SVDD
VDD Rise Rate to ensure internal
Power-on Reset signal
0.05
—
—
V/ms
See Section 6.1 “Power-on Reset
(POR)” for details.
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 3.3V, 25°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note 1:
This is the limit to which VDD can be lowered in Sleep mode without losing RAM data.
2:
PLL required for 32 MHz operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com