Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 395 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 395 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 391Page - Microchip Technology T0XCS Datasheet HTML 392Page - Microchip Technology T0XCS Datasheet HTML 393Page - Microchip Technology T0XCS Datasheet HTML 394Page - Microchip Technology T0XCS Datasheet HTML 395Page - Microchip Technology T0XCS Datasheet HTML 396Page - Microchip Technology T0XCS Datasheet HTML 397Page - Microchip Technology T0XCS Datasheet HTML 398Page - Microchip Technology T0XCS Datasheet HTML 399Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 395 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 395
PIC16(L)F1946/47
Supply Current (IDD)(1, 2)
D013
—
15
40
A1.8
FOSC = 500 kHz
EC Oscillator Low-Power mode
—30
75
A3.0
D013
—
30
60
A
1.8
FOSC = 500 kHz
EC Oscillator Low-Power mode (Note 5)
—
45
85
A
3.0
—
50
90
A
5.0
D014
—
140
250
A1.8
FOSC = 4 MHz
EC Oscillator mode
Medium-Power mode
—
270
400
A3.0
D014
—
160
270
A
1.8
FOSC = 4 MHz
EC Oscillator mode (Note 5)
Medium-Power mode
—
270
430
A
3.0
—
320
500
A
5.0
D015
—
2.0
3.2
mA
3.0
FOSC = 32 MHz
EC Oscillator High-Power mode
—2.3
3.9
mA
3.6
D015
—
2.0
3.2
mA
3.0
FOSC = 32 MHz
EC Oscillator High-Power mode (Note 5)
—
2.2
3.9
mA
5.0
D016
—
3.0
11
A1.8
FOSC = 32 kHz, LFINTOSC mode (Note 4)
-40°C
 TA  +85°C
—5.0
13
A3.0
D016
—
24
40
A
1.8
FOSC = 32 kHz, LFINTOSC mode (Note 4, 5)
-40°C
 TA  +85°C
—
30
48
A
3.0
—
32
58
A
5.0
30.2
DC Characteristics: PIC16(L)F1946/47-I/E (Industrial, Extended) (Continued)
PIC16LF1946/47
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
PIC16F1946/47
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
Param
No.
Device
Characteristics
Min.
Typ†
Max.
Units
Conditions
VDD
Note
Note 1:
The test conditions for all IDD measurements in active operation mode are: OSC1 = external square wave, from
rail-to-rail; all I/O pins tri-stated, pulled to VDD; MCLR = VDD; WDT disabled.
2:
The supply current is mainly a function of the operating voltage and frequency. Other factors, such as I/O pin loading
and switching rate, oscillator type, internal code execution pattern and temperature, also have an impact on the current
consumption.
3:
For RC oscillator configurations, current through REXT is not included. The current through the resistor can be extended
by the formula IR = VDD/2REXT (mA) with REXT in k

4:
FVR and BOR are disabled.
5:
0.1
F capacitor on VCAP (RF0).
6:
8 MHz crystal oscillator with 4x PLL enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com