Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 418 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 418 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 414Page - Microchip Technology T0XCS Datasheet HTML 415Page - Microchip Technology T0XCS Datasheet HTML 416Page - Microchip Technology T0XCS Datasheet HTML 417Page - Microchip Technology T0XCS Datasheet HTML 418Page - Microchip Technology T0XCS Datasheet HTML 419Page - Microchip Technology T0XCS Datasheet HTML 420Page - Microchip Technology T0XCS Datasheet HTML 421Page - Microchip Technology T0XCS Datasheet HTML 422Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 418 / 478 page
background image
PIC16(L)F1946/47
DS41414D-page 418
 2010-2012 Microchip Technology Inc.
TABLE 30-16: I2C™ BUS DATA REQUIREMENTS
Param.
No.
Symbol
Characteristic
Min.
Max.
Units
Conditions
SP100* THIGH
Clock high time
100 kHz mode
4.0
—
s
Device must operate at a
minimum of 1.5 MHz
400 kHz mode
0.6
—
s
Device must operate at a
minimum of 10 MHz
SSP module
1.5TCY
—
SP101* TLOW
Clock low time
100 kHz mode
4.7
—
s
Device must operate at a
minimum of 1.5 MHz
400 kHz mode
1.3
—
s
Device must operate at a
minimum of 10 MHz
SSP module
1.5TCY
—
SP102* TR
SDA and SCL rise
time
100 kHz mode
—
1000
ns
400 kHz mode
20 + 0.1CB
300
ns
CB is specified to be from
10-400 pF
SP103* TF
SDA and SCL fall
time
100 kHz mode
—
250
ns
400 kHz mode
20 + 0.1CB
250
ns
CB is specified to be from
10-400 pF
SP106* THD:DAT
Data input hold time 100 kHz mode
0
—
ns
400 kHz mode
0
0.9
s
SP107* TSU:DAT
Data input setup
time
100 kHz mode
250
—
ns
(Note 2)
400 kHz mode
100
—
ns
SP109* TAA
Output valid from
clock
100 kHz mode
—
3500
ns
(Note 1)
400 kHz mode
—
—
ns
SP110* TBUF
Bus free time
100 kHz mode
4.7
—
s
Time the bus must be free
before a new transmission
can start
400 kHz mode
1.3
—
s
SP111
CB
Bus capacitive loading
—
400
pF
* These parameters are characterized but not tested.
Note 1:
As a transmitter, the device must provide this internal minimum delay time to bridge the undefined region
(min. 300 ns) of the falling edge of SCL to avoid unintended generation of Start or Stop conditions.
2:
A Fast mode (400 kHz) I2C™ bus device can be used in a Standard mode (100 kHz) I2C bus system, but
the requirement TSU:DAT
250 ns must then be met. This will automatically be the case if the device does
not stretch the low period of the SCL signal. If such a device does stretch the low period of the SCL signal,
it must output the next data bit to the SDA line TR max. + TSU:DAT = 1000 + 250 = 1250 ns (according to
the Standard mode I2C bus specification), before the SCL line is released.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com