Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 417 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 417 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 413Page - Microchip Technology T0XCS Datasheet HTML 414Page - Microchip Technology T0XCS Datasheet HTML 415Page - Microchip Technology T0XCS Datasheet HTML 416Page - Microchip Technology T0XCS Datasheet HTML 417Page - Microchip Technology T0XCS Datasheet HTML 418Page - Microchip Technology T0XCS Datasheet HTML 419Page - Microchip Technology T0XCS Datasheet HTML 420Page - Microchip Technology T0XCS Datasheet HTML 421Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 417 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 417
PIC16(L)F1946/47
TABLE 30-15: I2C™ BUS START/STOP BITS REQUIREMENTS
FIGURE 30-21:
I2C™ BUS DATA TIMING
Param
No.
Symbol
Characteristic
Min.
Typ Max. Units
Conditions
SP90*
TSU:STA
Start condition
100 kHz mode
4700
—
—
ns
Only relevant for Repeated
Start condition
Setup time
400 kHz mode
600
—
—
SP91*
THD:STA Start condition
100 kHz mode
4000
—
—
ns
After this period, the first
clock pulse is generated
Hold time
400 kHz mode
600
—
—
SP92*
TSU:STO
Stop condition
100 kHz mode
4700
—
—
ns
Setup time
400 kHz mode
600
—
—
SP93
THD:STO Stop condition
100 kHz mode
4000
—
—
ns
Hold time
400 kHz mode
600
—
—
* These parameters are characterized but not tested.
Note: Refer to Figure 30-5 for load conditions.
SP90
SP91
SP92
SP100
SP101
SP103
SP106
SP107
SP109
SP109
SP110
SP102
SCL
SDA
In
SDA
Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com