Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 413 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 413 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 409Page - Microchip Technology T0XCS Datasheet HTML 410Page - Microchip Technology T0XCS Datasheet HTML 411Page - Microchip Technology T0XCS Datasheet HTML 412Page - Microchip Technology T0XCS Datasheet HTML 413Page - Microchip Technology T0XCS Datasheet HTML 414Page - Microchip Technology T0XCS Datasheet HTML 415Page - Microchip Technology T0XCS Datasheet HTML 416Page - Microchip Technology T0XCS Datasheet HTML 417Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 413 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 413
PIC16(L)F1946/47
TABLE 30-12: USART SYNCHRONOUS TRANSMISSION REQUIREMENTS
FIGURE 30-15:
USART SYNCHRONOUS RECEIVE (MASTER/SLAVE) TIMING
TABLE 30-13: USART SYNCHRONOUS RECEIVE REQUIREMENTS
Standard Operating Conditions (unless otherwise stated)
Operating Temperature
-40°C
TA +125°C
Param.
No.
Symbol
Characteristic
Min.
Max.
Units
Conditions
US120 TCKH2DTV SYNC XMIT (Master and Slave)
Clock high to data-out valid
3.0-5.5V
—
80
ns
1.8-5.5V
—
100
ns
US121 TCKRF
Clock out rise time and fall time
(Master mode)
3.0-5.5V
—
45
ns
1.8-5.5V
—
50
ns
US122 TDTRF
Data-out rise time and fall time
3.0-5.5V
—
45
ns
1.8-5.5V
—
50
ns
Standard Operating Conditions (unless otherwise stated)
Operating Temperature
-40°C
TA +125°C
Param.
No.
Symbol
Characteristic
Min.
Max.
Units
Conditions
US125 TDTV2CKL SYNC RCV (Master and Slave)
Data-hold before CK
 (DT hold time)
10
—
ns
US126 TCKL2DTL Data-hold after CK
 (DT hold time)
15
—
ns
Note:
Refer to Figure 30-5 for load conditions.
US125
US126
CK
DT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com