Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 412 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 412 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 408Page - Microchip Technology T0XCS Datasheet HTML 409Page - Microchip Technology T0XCS Datasheet HTML 410Page - Microchip Technology T0XCS Datasheet HTML 411Page - Microchip Technology T0XCS Datasheet HTML 412Page - Microchip Technology T0XCS Datasheet HTML 413Page - Microchip Technology T0XCS Datasheet HTML 414Page - Microchip Technology T0XCS Datasheet HTML 415Page - Microchip Technology T0XCS Datasheet HTML 416Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 412 / 478 page
background image
PIC16(L)F1946/47
DS41414D-page 412
 2010-2012 Microchip Technology Inc.
TABLE 30-10: COMPARATOR SPECIFICATIONS
TABLE 30-11: DIGITAL-TO-ANALOG CONVERTER (DAC) SPECIFICATIONS
FIGURE 30-14:
USART SYNCHRONOUS TRANSMISSION (MASTER/SLAVE) TIMING
Operating Conditions:
1.8V < VDD < 5.5V, -40°C < TA < +125°C (unless otherwise stated).
Param
No.
Sym.
Characteristics
Min.
Typ.
Max.
Units
Comments
CM01
VIOFF
Input Offset Voltage(1)
—
±7.5
±60
mV
High-Power mode
VICM = VDD/2
CM02
VICM
Input Common Mode Voltage
0
—
VDD
V
CM03
CMRR
Common Mode Rejection Ratio
—
50
—
dB
CM04A
TRESP
Response Time Rising Edge
—
400
800
ns
High-Power mode
CM04B
Response Time Falling Edge
—
200
400
ns
High-Power mode
CM04C
Response Time Rising Edge
—
1200
—
ns
Low-Power mode
CM04D
Response Time Falling Edge
—
550
—
ns
Low-Power mode
CM05
TMC2OV
Comparator Mode Change to
Output Valid*
——
10
s
CM06
CHYSTER Comparator Hysteresis(2)
—
45
—
mV
CxHYS = 1
* These parameters are characterized but not tested.
Note 1:
High power only.
2:
Comparator Hysteresis is available when the CxHYS bit of the CMxCON0 register is enabled.
Operating Conditions:
2.5V < VDD < 5.5V, -40°C < TA < +85°C (unless otherwise stated).
Param
No.
Sym.
Characteristics
Min.
Typ.
Max.
Units
Comments
DAC01*
CLSB
Step Size
—
VDD/32
—
V
DAC02*
CACC
Absolute Accuracy
—
—
 1/2
LSb
DAC03*
CR
Unit Resistor Value (R)
—
5K
—
DAC04*
CST
Settling Time(1)
——
10
s
*
These parameters are characterized but not tested.
Note 1:
Settling time measured while DACR<4:0> transitions from ‘0000’ to ‘1111’.
Note:
Refer to Figure 30-5 for load conditions.
US121
US121
US120
US122
CK
DT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com