Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 408 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 408 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 404Page - Microchip Technology T0XCS Datasheet HTML 405Page - Microchip Technology T0XCS Datasheet HTML 406Page - Microchip Technology T0XCS Datasheet HTML 407Page - Microchip Technology T0XCS Datasheet HTML 408Page - Microchip Technology T0XCS Datasheet HTML 409Page - Microchip Technology T0XCS Datasheet HTML 410Page - Microchip Technology T0XCS Datasheet HTML 411Page - Microchip Technology T0XCS Datasheet HTML 412Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 408 / 478 page
background image
PIC16(L)F1946/47
DS41414D-page 408
 2010-2012 Microchip Technology Inc.
TABLE 30-5:
RESET, WATCHDOG TIMER, OSCILLATOR START-UP TIMER, POWER-UP TIMER
AND BROWN-OUT RESET PARAMETERS
FIGURE 30-10:
TIMER0 AND TIMER1 EXTERNAL CLOCK TIMINGS
Standard Operating Conditions (unless otherwise stated)
Operating Temperature -40°C
TA +125°C
Param
No.
Sym.
Characteristic
Min.
Typ† Max. Units
Conditions
30
TMCLMCLR Pulse Width (low)
2
—
—
s
31
TWDTLP Watchdog Timer Time-out Period
10
16
27
ms
VDD = 3.3V-5V,
1:16 Prescaler used
32
TOST
Oscillator Start-up Timer Period(1)
—
1024
—
Tosc
33*
TPWRT
Power-up Timer Period, PWRTE = 0
40
65
140
ms
34*
TIOZ
I/O high-impedance from MCLR Low
or Watchdog Timer Reset
——
2.0
s
35
VBOR
Brown-out Reset Voltage(2)
2.55
1.80
2.70
1.90
2.85
2.11
V
V
BORV = 0
BORV = 1
36*
VHYST
Brown-out Reset Hysteresis
0
25
50
mV
-40°C to +85°C
37*
TBORDC Brown-out Reset DC Response
Time
13
35
sVDD  VBOR
*
These parameters are characterized but not tested.
† Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
By design, the Oscillator Start-up Timer (OST) counts the first 1024 cycles, independent of frequency.
2:
To ensure these voltage tolerances, VDD and VSS must be capacitively decoupled as close to the device as
possible. 0.1
F and 0.01 F values in parallel are recommended.
T0CKI
T1CKI
40
41
42
45
46
47
49
TMR0 or
TMR1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com