Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 404 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 404 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 400Page - Microchip Technology T0XCS Datasheet HTML 401Page - Microchip Technology T0XCS Datasheet HTML 402Page - Microchip Technology T0XCS Datasheet HTML 403Page - Microchip Technology T0XCS Datasheet HTML 404Page - Microchip Technology T0XCS Datasheet HTML 405Page - Microchip Technology T0XCS Datasheet HTML 406Page - Microchip Technology T0XCS Datasheet HTML 407Page - Microchip Technology T0XCS Datasheet HTML 408Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 404 / 478 page
background image
PIC16(L)F1946/47
DS41414D-page 404
 2010-2012 Microchip Technology Inc.
30.8
AC Characteristics: PIC16(L)F1946/47-I/E
FIGURE 30-6:
CLOCK TIMING
TABLE 30-1:
CLOCK OSCILLATOR TIMING REQUIREMENTS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +125°C
Param
No.
Sym.
Characteristic
Min.
Typ†
Max.
Units
Conditions
OS01
FOSC
External CLKIN Frequency(1)
DC
—
0.5
MHz
EC Oscillator mode (low)
DC
—
4
MHz
EC Oscillator mode (medium)
DC
—
20
MHz
EC Oscillator mode (high)
Oscillator Frequency(1)
—
32.768
—
kHz
LP Oscillator mode
0.1
—
4
MHz
XT Oscillator mode
1
—
4
MHz
HS Oscillator mode
1
—
20
MHz
HS Oscillator mode, VDD > 2.7V
DC
—
4
MHz
RC Oscillator mode, VDD > 2.0V
OS02
TOSC
External CLKIN Period(1)
27
—
s
LP Oscillator mode
250
—
ns
XT Oscillator mode
50
—
ns
HS Oscillator mode
50
—
ns
EC Oscillator mode
Oscillator Period(1)
—
30.5
—
s
LP Oscillator mode
250
—
10,000
ns
XT Oscillator mode
50
—
1,000
ns
HS Oscillator mode
250
—
—
ns
RC Oscillator mode
OS03
TCY
Instruction Cycle Time(1)
200
TCY
DC
ns
TCY = 4/FOSC
OS04*
TosH,
TosL
External CLKIN High,
External CLKIN Low
2—
—
s
LP oscillator
100
—
—
ns
XT oscillator
20
—
—
ns
HS oscillator
OS05*
TosR,
TosF
External CLKIN Rise,
External CLKIN Fall
0—
ns
LP oscillator
0—
ns
XT oscillator
0—
ns
HS oscillator
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note 1: Instruction cycle period (TCY) equals four times the input oscillator time base period. All specified values are based on
characterization data for that particular oscillator type under standard operating conditions with the device executing code.
Exceeding these specified limits may result in an unstable oscillator operation and/or higher than expected current con-
sumption. All devices are tested to operate at “min” values with an external clock applied to OSC1 pin. When an external
clock input is used, the “max” cycle time limit is “DC” (no clock) for all devices.
OSC1/CLKIN
OSC2/CLKOUT
Q4
Q1
Q2
Q3
Q4
Q1
OS02
OS03
OS04
OS04
OSC2/CLKOUT
(LP,XT,HS Modes)
(CLKOUT Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com