Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 402 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 402 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 398Page - Microchip Technology T0XCS Datasheet HTML 399Page - Microchip Technology T0XCS Datasheet HTML 400Page - Microchip Technology T0XCS Datasheet HTML 401Page - Microchip Technology T0XCS Datasheet HTML 402Page - Microchip Technology T0XCS Datasheet HTML 403Page - Microchip Technology T0XCS Datasheet HTML 404Page - Microchip Technology T0XCS Datasheet HTML 405Page - Microchip Technology T0XCS Datasheet HTML 406Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 402 / 478 page
background image
PIC16(L)F1946/47
DS41414D-page 402
 2010-2012 Microchip Technology Inc.
30.6
Thermal Considerations
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
 TA  +125°C
Param
No.
Sym.
Characteristic
Typ.
Units
Conditions
TH01
JA
Thermal Resistance Junction to Ambient
48.3
C/W
64-pin TQFP package
28
C/W
64-pin QFN package
TH02
JC
Thermal Resistance Junction to Case
26.1
C/W
64-pin TQFP package
0.24
C/W
64-pin QFN package
TH03
TJMAX
Maximum Junction Temperature
150
C
TH04
PD
Power Dissipation
—
W
PD = PINTERNAL + PI/O
TH05
PINTERNAL Internal Power Dissipation
—
W
PINTERNAL = IDD x VDD(1)
TH06
PI/O
I/O Power Dissipation
—
W
PI/O =
 (IOL * VOL) +  (IOH * (VDD - VOH))
TH07
PDER
Derated Power
—
W
PDER = PDMAX (TJ - TA)/
JA(2),(3)
Note 1: IDD is current to run the chip alone without driving any load on the output pins.
2: TA = Ambient Temperature
3: TJ = Junction Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com