Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 401 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 401 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 397Page - Microchip Technology T0XCS Datasheet HTML 398Page - Microchip Technology T0XCS Datasheet HTML 399Page - Microchip Technology T0XCS Datasheet HTML 400Page - Microchip Technology T0XCS Datasheet HTML 401Page - Microchip Technology T0XCS Datasheet HTML 402Page - Microchip Technology T0XCS Datasheet HTML 403Page - Microchip Technology T0XCS Datasheet HTML 404Page - Microchip Technology T0XCS Datasheet HTML 405Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 401 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 401
PIC16(L)F1946/47
30.5
Memory Programming Requirements
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
 TA  +125°C
Param
No.
Sym.
Characteristic
Min.
Typ†
Max.
Units
Conditions
Program Memory
Programming Specifications
D110
VIHH
Voltage on MCLR/VPP pin
8.0
—
9.0
V
(Note 3, Note 4)
D111
IDDP
Supply Current during
Programming
——
10
mA
D112
VPBE
VDD for Bulk Erase
2.7
—
VDDMAX
V
D113
VPEW
VDD for Write or Row Erase
VDDMIN
—VDDMAX
V
D114
IPPPGM Current on MCLR/VPP during Erase/
Write
——
1.0
mA
D115
IDDPGM Current on VDD during Erase/Write
—
5.0
mA
Data EEPROM Memory
D116
ED
Byte Endurance
100K
—
—E/W
-40
C to +85C
D117
VDRW
VDD for Read/Write
VDDMIN
—VDDMAX
V
D118
TDEW
Erase/Write Cycle Time
—
4.0
5.0
ms
D119
TRETD Characteristic Retention
—
40
—
Year -40°C to +55°C
Provided no other
specifications are violated
D120
TREF
Number of Total Erase/Write
Cycles before Refresh(2)
1M
10M
—
E/W
-40°C to +85°C
Program Flash Memory
D121
EP
Cell Endurance
10K
—
—E/W
-40
C to +85C (Note 1)
D122
VPRW
VDD for Read/Write
VDDMIN
—VDDMAX
V
D123
TIW
Self-timed Write Cycle Time
—
2
2.5
ms
D124
TRETD Characteristic Retention
—
40
—
Year Provided no other
specifications are violated
† Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
Self-write and Block Erase.
2:
Refer to Section 11.2 “Using the Data EEPROM” for a more detailed discussion on data EEPROM
endurance.
3:
Required only if single-supply programming is disabled.
4:
The MPLAB™ ICD 2 does not support variable VPP output. Circuitry to limit the MPLAB ICD 2 VPP voltage
must be placed between the MPLAB ICD 2 and target system when programming or debugging with the
MPLAB ICD 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com