Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 400 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 400 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 396Page - Microchip Technology T0XCS Datasheet HTML 397Page - Microchip Technology T0XCS Datasheet HTML 398Page - Microchip Technology T0XCS Datasheet HTML 399Page - Microchip Technology T0XCS Datasheet HTML 400Page - Microchip Technology T0XCS Datasheet HTML 401Page - Microchip Technology T0XCS Datasheet HTML 402Page - Microchip Technology T0XCS Datasheet HTML 403Page - Microchip Technology T0XCS Datasheet HTML 404Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 400 / 478 page
background image
PIC16(L)F1946/47
DS41414D-page 400
 2010-2012 Microchip Technology Inc.
30.4
DC Characteristics: PIC16(L)F1946/47-I/E
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
Param
No.
Sym.
Characteristic
Min.
Typ†
Max.
Units
Conditions
VIL
Input Low Voltage
I/O PORT:
D032
with TTL buffer
—
—
0.8
V
4.5V
 VDD  5.5V
D032A
—
—
0.15 VDD
V1.8V
 VDD  4.5V
D033
with Schmitt Trigger buffer
—
—
0.2 VDD
V2.0V
 VDD  5.5V
with I2C™ levels
—
—
0.3 VDD
V
with SMBus levels
—
—
0.8
V
2.7V
 VDD  5.5V
D034
MCLR, OSC1 (RC mode)(1)
——
0.2 VDD
V
D034A
OSC1 (HS mode)
—
—
0.3 VDD
V
VIH
Input High Voltage
I/O ports:
D040
with TTL buffer
2.0
—
—
V
4.5V
 VDD 5.5V
D040A
0.25 VDD +
0.8
——
V
1.8V
 VDD  4.5V
D041
with Schmitt Trigger buffer
0.8 VDD
——
V
2.0V
 VDD  5.5V
with I2C™ levels
0.7 VDD
——
V
with SMBus levels
2.1
—
—
V
2.7V
 VDD  5.5V
D042
MCLR
0.8 VDD
——
V
D043A
OSC1 (HS mode)
0.7 VDD
——
V
D043B
OSC1 (RC mode)
0.9 VDD
——
V
(Note 1) VDD
 2.0V
IIL
Input Leakage Current(2)
D060
I/O ports
—
± 5
± 5
± 125
± 1000
nA
nA
VSS
 VPIN  VDD, Pin at high-imped-
ance @ 85°C
125°C
D061
MCLR(3)
—
± 50
± 200
nA
VSS
 VPIN  VDD @ 85°C
IPUR
Weak Pull-up Current
D070*
25
25
100
140
200
300
A
VDD = 3.3V, VPIN = VSS
VDD = 5.0V, VPIN = VSS
VOL
Output Low Voltage(4)
D080
I/O ports
——
0.6
V
IOL = 8mA, VDD = 5V
IOL = 6mA, VDD = 3.3V
IOL = 1.8mA, VDD = 1.8V
VOH
Output High Voltage(4)
D090
I/O ports
VDD - 0.7
—
—
V
IOH = 3.5mA, VDD = 5V
IOH = 3mA, VDD = 3.3V
IOH = 1mA, VDD = 1.8V
Capacitive Loading Specs on Output Pins
D101*
COSC2 OSC2 pin
—
—
15
pF
In XT, HS and LP modes when exter-
nal clock is used to drive OSC1
D101A*
CIO
All I/O pins
—
—
50
pF
VCAP Capacitor Charging
D102
Charging current
—
200
—
A
D102A
Source/sink capability when
charging complete
—0.0
—
mA
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note 1: In RC oscillator configuration, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended to use an external clock in
RC mode.
2: Negative current is defined as current sourced by the pin.
3: The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified levels represent normal
operating conditions. Higher leakage current may be measured at different input voltages.
4: Including OSC2 in CLKOUT mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com