Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 410 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 410 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 406Page - Microchip Technology T0XCS Datasheet HTML 407Page - Microchip Technology T0XCS Datasheet HTML 408Page - Microchip Technology T0XCS Datasheet HTML 409Page - Microchip Technology T0XCS Datasheet HTML 410Page - Microchip Technology T0XCS Datasheet HTML 411Page - Microchip Technology T0XCS Datasheet HTML 412Page - Microchip Technology T0XCS Datasheet HTML 413Page - Microchip Technology T0XCS Datasheet HTML 414Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 410 / 478 page
background image
PIC16(L)F1946/47
DS41414D-page 410
 2010-2012 Microchip Technology Inc.
TABLE 30-8:
PIC16(L)F1946/47 A/D CONVERTER (ADC) CHARACTERISTICS(1,2,3):
TABLE 30-9:
PIC16(L)F1946/47 A/D CONVERSION REQUIREMENTS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
TA
25°C
Param
No.
Sym.
Characteristic
Min.
Typ†
Max. Units
Conditions
AD01
NR
Resolution
—
—
10
bit
AD02
EIL
Integral Error
—
—
±1.7
LSb VREF = 3.0V
AD03
EDL
Differential Error
—
—
±1
LSb No missing codes
VREF = 3.0V
AD04
EOFF Offset Error
—
—
±2.5
LSb VREF = 3.0V
AD05
EGN
Gain Error
—
—
±2.0
LSb VREF = 3.0V
AD06
VREF Reference Voltage(4)
1.8
—
VDD
VVREF = (VREF+ minus VREF-)
AD07
VAIN
Full-Scale Range
VSS
—VREF
V
AD08
ZAIN
Recommended Impedance of
Analog Voltage Source
——
10
k
 Can go higher if external 0.01
F capacitor is
present on input pin.
†
Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note 1: Total Absolute Error includes integral, differential, offset and gain errors.
2: The A/D conversion result never decreases with an increase in the input voltage and has no missing codes.
3: When ADC is off, it will not consume any current other than leakage current. The power-down current specification
includes any such leakage from the ADC module.
4: ADC Reference Voltage (Ref+) is the selected reference input, VREF+ pin, VDD pin or the FVR Buffer1. When the FVR is
selected as the reference input, the FVR Buffer1 output selection must be 2.048V or 4.096V, (ADFVR<1:0> = 1x).
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +125°C
Param
No.
Sym.
Characteristic
Min.
Typ†
Max.
Units
Conditions
AD130* TAD
A/D Clock Period
1.0
—
9.0
sTOSC-based
A/D Internal RC Oscillator
Period
1.0
2.5
6.0
s
ADCS<1:0> = 11 (ADRC mode)
AD131
TCNV
Conversion Time (not including
Acquisition Time)(1)
—11
—
TAD
Set GO/DONE bit to conversion
complete
AD132* TACQ
Acquisition Time
—
5.0
—
s
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note 1: The ADRES register may be read on the following TCY cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com