Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 106 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 106 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 102Page - Microchip Technology T0XCS Datasheet HTML 103Page - Microchip Technology T0XCS Datasheet HTML 104Page - Microchip Technology T0XCS Datasheet HTML 105Page - Microchip Technology T0XCS Datasheet HTML 106Page - Microchip Technology T0XCS Datasheet HTML 107Page - Microchip Technology T0XCS Datasheet HTML 108Page - Microchip Technology T0XCS Datasheet HTML 109Page - Microchip Technology T0XCS Datasheet HTML 110Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 478 page
background image
PIC16(L)F1946/47
DS41414D-page 106
 2010-2012 Microchip Technology Inc.
9.1.1
WAKE-UP USING INTERRUPTS
When global interrupts are disabled (GIE cleared) and
any interrupt source has both its interrupt enable bit
and interrupt flag bit set, one of the following will occur:
• If the interrupt occurs before the execution of a
SLEEP instruction
- SLEEP instruction will execute as a NOP.
- WDT and WDT prescaler will not be cleared
-TO bit of the STATUS register will not be set
-PD bit of the STATUS register will not be
cleared.
• If the interrupt occurs during or after the execu-
tion of a SLEEP instruction
- SLEEP instruction will be completely exe-
cuted
- Device will immediately wake-up from Sleep
- WDT and WDT prescaler will be cleared
-TO bit of the STATUS register will be set
-PD bit of the STATUS register will be cleared.
Even if the flag bits were checked before executing a
SLEEP instruction, it may be possible for flag bits to
become set before the SLEEP instruction completes. To
determine whether a SLEEP instruction executed, test
the PD bit. If the PD bit is set, the SLEEP instruction
was executed as a NOP.
FIGURE 9-1:
WAKE-UP FROM SLEEP THROUGH INTERRUPT
TABLE 9-1:
SUMMARY OF REGISTERS ASSOCIATED WITH POWER-DOWN MODE
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register on
Page
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
92
IOCBF
IOCBF7
IOCBF6
IOCBF5
IOCBF4
IOCBF3
IOCBF2
IOCBF1
IOCBF0
155
IOCBN
IOCBN7
IOCBN6
IOCBN5
IOCBN4
IOCBN3
IOCBN2
IOCBN1
IOCBN0
155
IOCBP
IOCBP7
IOCBP6
IOCBP5
IOCBP4
IOCBP3
IOCBP2
IOCBP1
IOCBP0
155
PIE1
TMR1GIE
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
93
PIE2
OSFIE
C2IE
C1IE
EEIE
BCLIE
LCDIE
C3IE
CCP2IE
94
PIE3
—
CCP5IE
CCP4IE
CCP3IE
TMR6IE
—
TMR4IE
—
95
PIE4
—
—
RC2IE
TX2IE
—
—
BCL2IE
SSP2IE
96
PIR1
TMR1GIF
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
97
PIR2
OSFIF
C2IF
C1IF
EEIF
BCLIF
LCDIF
C3IF
CCP2IF
98
PIR3
—
CCP5IF
CCP4IF
CCP3IF
TMR6IF
—TMR4IF
—
99
PIR4
—
—
RC2IF
TX2IF
—
—
BCL2IF
SSP2IF
100
STATUS
—
—
—TO
PD
ZDC
C
25
WDTCON
—
—
WDTPS<4:0>
SWDTEN
109
Legend:
— = unimplemented location, read as ‘0’. Shaded cells are not used in Power-Down mode.
Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1
Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4
OSC1(1)
CLKOUT(2)
Interrupt flag
GIE bit
(INTCON reg.)
Instruction Flow
PC
Instruction
Fetched
Instruction
Executed
PC
PC + 1
PC + 2
Inst(PC) = Sleep
Inst(PC - 1)
Inst(PC + 1)
Sleep
Processor in
Sleep
Interrupt Latency(4)
Inst(PC + 2)
Inst(PC + 1)
Inst(0004h)
Inst(0005h)
Inst(0004h)
Forced NOP
PC + 2
0004h
0005h
Forced NOP
TOST(3)
PC + 2
Note
1:
XT, HS or LP Oscillator mode assumed.
2:
CLKOUT is not available in XT, HS, or LP Oscillator modes, but shown here for timing reference.
3:
TOST = 1024 TOSC (drawing not to scale). This delay applies only to XT, HS or LP Oscillator modes.
4:
GIE = 1 assumed. In this case after wake-up, the processor calls the ISR at 0004h. If GIE = 0, execution will continue in-line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com