Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 108 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 108 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 104Page - Microchip Technology T0XCS Datasheet HTML 105Page - Microchip Technology T0XCS Datasheet HTML 106Page - Microchip Technology T0XCS Datasheet HTML 107Page - Microchip Technology T0XCS Datasheet HTML 108Page - Microchip Technology T0XCS Datasheet HTML 109Page - Microchip Technology T0XCS Datasheet HTML 110Page - Microchip Technology T0XCS Datasheet HTML 111Page - Microchip Technology T0XCS Datasheet HTML 112Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 478 page
background image
PIC16(L)F1946/47
DS41414D-page 108
 2010-2012 Microchip Technology Inc.
10.1
Independent Clock Source
The WDT derives its time base from the 31 kHz
LFINTOSC internal oscillator. Time intervals in this
chapter are based on a nominal interval of 1 ms. See
Section 30.0 “Electrical Specifications” for the
LFINTOSC tolerances.
10.2
WDT Operating Modes
The Watchdog Timer module has four operating modes
controlled by the WDTE<1:0> bits in Configuration
Words. See Table 10-1.
10.2.1
WDT IS ALWAYS ON
When the WDTE bits of Configuration Words are set to
‘11’, the WDT is always on.
WDT protection is active during Sleep.
10.2.2
WDT IS OFF IN SLEEP
When the WDTE bits of Configuration Words are set to
‘10’, the WDT is on, except in Sleep.
WDT protection is not active during Sleep.
10.2.3
WDT CONTROLLED BY SOFTWARE
When the WDTE bits of Configuration Words are set to
‘01’, the WDT is controlled by the SWDTEN bit of the
WDTCON register.
WDT protection is unchanged by Sleep. See
Table 10-1 for more details.
TABLE 10-1:
WDT OPERATING MODES
10.3
Time-Out Period
The WDTPS bits of the WDTCON register set the
time-out period from 1 ms to 256 seconds (nominal).
After a Reset, the default time-out period is 2 seconds.
10.4
Clearing the WDT
The WDT is cleared when any of the following condi-
tions occur:
•Any Reset
• CLRWDT instruction is executed
• Device enters Sleep
• Device wakes up from Sleep
• Oscillator fail
• WDT is disabled
• Oscillator Start-up Timer (OST) is running
See Table 10-2 for more information.
10.5
Operation During Sleep
When the device enters Sleep, the WDT is cleared. If
the WDT is enabled during Sleep, the WDT resumes
counting.
When the device exits Sleep, the WDT is cleared
again. The WDT remains clear until the OST, if
enabled, completes. See Section 5.0 “Oscillator
Module (With Fail-Safe Clock Monitor)” for more
information on the OST.
When a WDT time-out occurs while the device is in
Sleep, no Reset is generated. Instead, the device wakes
up and resumes operation. The TO and PD bits in the
STATUS register are changed to indicate the event. See
Section 3.0 “Memory Organization” and STATUS
register (Register 3-1) for more information.
WDTE<1:0>
SWDTEN
Device
Mode
WDT
Mode
11
X
XActive
10
X
Awake
Active
Sleep
Disabled
01
1
X
Active
0
Disabled
00
X
X
Disabled
TABLE 10-2:
WDT CLEARING CONDITIONS
Conditions
WDT
WDTE<1:0> = 00
Cleared
WDTE<1:0> = 01 and SWDTEN = 0
WDTE<1:0> = 10 and enter Sleep
CLRWDT Command
Oscillator Fail Detected
Exit Sleep + System Clock = T1OSC, EXTRC, INTOSC, EXTCLK
Exit Sleep + System Clock = XT, HS, LP
Cleared until the end of OST
Change INTOSC divider (IRCF bits)
Unaffected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com