Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 112 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 112 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 108Page - Microchip Technology T0XCS Datasheet HTML 109Page - Microchip Technology T0XCS Datasheet HTML 110Page - Microchip Technology T0XCS Datasheet HTML 111Page - Microchip Technology T0XCS Datasheet HTML 112Page - Microchip Technology T0XCS Datasheet HTML 113Page - Microchip Technology T0XCS Datasheet HTML 114Page - Microchip Technology T0XCS Datasheet HTML 115Page - Microchip Technology T0XCS Datasheet HTML 116Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 478 page
background image
PIC16(L)F1946/47
DS41414D-page 112
 2010-2012 Microchip Technology Inc.
11.2
Using the Data EEPROM
The data EEPROM is a high-endurance, byte address-
able array that has been optimized for the storage of
frequently changing information (e.g., program vari-
ables or other data that are updated often). When vari-
ables in one section change frequently, while variables
in another section do not change, it is possible to
exceed the total number of write cycles to the
EEPROM without exceeding the total number of write
cycles to a single byte. Refer to Section 30.0 “Electri-
cal Specifications”. If this is the case, then a refresh
of the array must be performed. For this reason, vari-
ables that change infrequently (such as constants, IDs,
calibration, etc.) should be stored in Flash program
memory.
11.2.1
READING THE DATA EEPROM
MEMORY
To read a data memory location, the user must write the
address to the EEADRL register, clear the EEPGD and
CFGS control bits of the EECON1 register, and then
set control bit RD. The data is available at the very next
cycle, in the EEDATL register; therefore, it can be read
in the next instruction. EEDATL will hold this value until
another read or until it is written to by the user (during
a write operation).
EXAMPLE 11-1:
DATA EEPROM READ
11.2.2
WRITING TO THE DATA EEPROM
MEMORY
To write an EEPROM data location, the user must first
write the address to the EEADRL register and the data
to the EEDATL register. Then the user must follow a
specific sequence to initiate the write for each byte.
The write will not initiate if the above sequence is not
followed exactly (write 55h to EECON2, write AAh to
EECON2, then set the WR bit) for each byte. Interrupts
should be disabled during this code segment.
Additionally, the WREN bit in EECON1 must be set to
enable write. This mechanism prevents accidental
writes to data EEPROM due to errant (unexpected)
code execution (i.e., lost programs). The user should
keep the WREN bit clear at all times, except when
updating EEPROM. The WREN bit is not cleared
by hardware.
After a write sequence has been initiated, clearing the
WREN bit will not affect this write cycle. The WR bit will
be inhibited from being set unless the WREN bit is set.
At the completion of the write cycle, the WR bit is
cleared in hardware and the EE Write Complete
Interrupt Flag bit (EEIF) is set. The user can either
enable this interrupt or poll this bit. EEIF must be
cleared by software.
11.2.3
PROTECTION AGAINST SPURIOUS
WRITE
There are conditions when the user may not want to
write to the data EEPROM memory. To protect against
spurious EEPROM writes, various mechanisms have
been built-in. On power-up, WREN is cleared. Also, the
Power-up Timer (64 ms duration) prevents EEPROM
write.
The write initiate sequence and the WREN bit together
help prevent an accidental write during:
• Brown-out
• Power Glitch
• Software Malfunction
11.2.4
DATA EEPROM OPERATION
DURING CODE-PROTECT
Data memory can be code-protected by programming
the CPD bit in the Configuration Words to ‘0’.
When the data memory is code-protected, only the
CPU is able to read and write data to the data
EEPROM. It is recommended to code-protect the pro-
gram memory when code-protecting data memory.
This prevents anyone from replacing your program with
a program that will access the contents of the data
EEPROM.
Note:
Data EEPROM can be read regardless of
the setting of the CPD bit.
BANKSEL EEADRL
;
MOVLW
DATA_EE_ADDR ;
MOVWF
EEADRL
;Data Memory
;Address to read
BCF
EECON1, CFGS ;Deselect Config space
BCF
EECON1, EEPGD;Point to DATA memory
BSF
EECON1, RD
;EE Read
MOVF
EEDATL, W
;W = EEDATL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com