Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 142 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 142 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 138Page - Microchip Technology T0XCS Datasheet HTML 139Page - Microchip Technology T0XCS Datasheet HTML 140Page - Microchip Technology T0XCS Datasheet HTML 141Page - Microchip Technology T0XCS Datasheet HTML 142Page - Microchip Technology T0XCS Datasheet HTML 143Page - Microchip Technology T0XCS Datasheet HTML 144Page - Microchip Technology T0XCS Datasheet HTML 145Page - Microchip Technology T0XCS Datasheet HTML 146Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 478 page
background image
PIC16(L)F1946/47
DS41414D-page 142
 2010-2012 Microchip Technology Inc.
12.11 PORTE Registers
PORTE is an 8-bit wide, bidirectional port. The
corresponding data direction register is TRISE. Setting a
TRISE bit (= 1) will make the corresponding PORTE pin
an input (i.e., put the corresponding output driver in a
High-Impedance mode). Clearing a TRISE bit (= 0) will
make the corresponding PORTE pin an output (i.e.,
enable the output driver and put the contents of the
output latch on the selected pin). Example 12-1 shows
how to initialize an I/O port.
Reading the PORTE register (Register 12-16) reads
the status of the pins, whereas writing to it will write to
the
PORT
latch.
All
write
operations
are
read-modify-write operations. Therefore, a write to a
port implies that the port pins are read, this value is
modified and then written to the PORT data latch
(LATE).
12.11.1
ANSELE REGISTER
The ANSELE register (Register 12-19) is used to
configure the Input mode of an I/O pin to analog.
Setting the appropriate ANSELE bit high will cause all
digital reads on the pin to be read as ‘0’ and allow
analog functions on the pin to operate correctly.
The state of the ANSELE bits has no effect on digital
output functions. A pin with TRIS clear and ANSEL set
will still operate as a digital output, but the Input mode
will be analog. This can cause unexpected behavior
when executing read-modify-write instructions on the
affected port.
The TRISE register (Register 12-17) controls the PORTE
pin output drivers, even when they are being used as
analog inputs. The user should ensure the bits in the
TRISE register are maintained set when using them as
analog inputs. I/O pins configured as analog inputs
always read ‘0’.
12.11.2
PORTE FUNCTIONS AND OUTPUT
PRIORITIES
Each PORTE pin is multiplexed with other functions. The
pins, their combined functions and their output priorities
are shown in Table 12-11.
When multiple outputs are enabled, the actual pin
control goes to the peripheral with the highest priority.
Each PORTE pin is multiplexed with other functions. The
pins, their combined functions and their output priorities
are briefly described here. For additional information,
refer to the appropriate section in this data sheet.
When multiple outputs are enabled, the actual pin
control goes to the peripheral with the lowest number in
the following lists.
Analog input and some digital input functions are not
included in the list below. These input functions can
remain active when the pin is configured as an output.
Certain digital input functions, such as the EUSART RX
signal, override other port functions and are included in
the priority list.
Note:
The ANSELE register must be initialized
to configure an analog channel as a digital
input. Pins configured as analog inputs
will read ‘0’.
TABLE 12-11: PORTE OUTPUT PRIORITY
Pin Name
Function Priority(1)
RE0
P2D(2) (CCP)
RE0
RE1
P2C(2) (CCP)
RE1
RE2
P2B(2) (CCP)
RE2
RE3
P3C(2) (CCP)
COM0 (LCD)
RE3
RE4
P3B(2) (CCP)
COM1 (LCD)
RE4
RE5
P1C(2) (CCP)
COM32(LCD)
RE5
RE6
P1B(2) (CCP)
COM3 (LCD)
RE6
RE7
CCP2(3)/P2A(3) (CCP)
SEG31 (LCD)
RE7
Note 1: Priority listed from highest to lowest.
2:
Default pin (see APFCON register).
3:
Alternate pin (see APFCON register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com