Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 144 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 144 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 140Page - Microchip Technology T0XCS Datasheet HTML 141Page - Microchip Technology T0XCS Datasheet HTML 142Page - Microchip Technology T0XCS Datasheet HTML 143Page - Microchip Technology T0XCS Datasheet HTML 144Page - Microchip Technology T0XCS Datasheet HTML 145Page - Microchip Technology T0XCS Datasheet HTML 146Page - Microchip Technology T0XCS Datasheet HTML 147Page - Microchip Technology T0XCS Datasheet HTML 148Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 478 page
background image
PIC16(L)F1946/47
DS41414D-page 144
 2010-2012 Microchip Technology Inc.
TABLE 12-12: SUMMARY OF REGISTERS ASSOCIATED WITH PORTE
REGISTER 12-18: LATE: PORTE DATA LATCH REGISTER
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
LATE7
LATE6
LATE5
LATE4
LATE3
LATE2
LATE1
LATE0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-0
LATE<7:0>
: PORTE Output Latch Value bits(1)
Note 1:
Writes to PORTE are actually written to corresponding LATE register. Reads from PORTE register is return of
actual I/O pin values.
REGISTER 12-19: ANSELE: PORTE ANALOG SELECT REGISTER
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
—
—
—
—
—
ANSE2
ANSE1
ANSE0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-0
ANSE<7:0>
: Analog Select between Analog or Digital Function on Pins RE<7:0>, respectively
0 = Digital I/O. Pin is assigned to port or digital special function.
1 = Analog input. Pin is assigned as analog input(1). Digital input buffer disabled.
Note 1:
When setting a pin to an analog input, the corresponding TRIS bit must be set to Input mode in order to allow
external control of the voltage on the pin.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
APFCON
P3CSEL
P3BSEL
P2DSEL
P2CSEL
P2BSEL
CCP2SEL
P1CSEL
P1BSEL
129
ANSELE
—
—
—
—
—
ANSE2
ANSE1
ANSE0
144
CCPxCON
PxM<1:0>(1)
DCxB<1:0>
CCPxM<3:0>
238
LATE
LATE7
LATE6
LATE5
LATE4
LATE3
LATE2
LATE1
LATE0
144
LCDCON
LCDEN
SLPEN
WERR
—
CS<1:0>
LMUX<1:0>
337
LCDREF
LCDIRE
LCDIRS
LCDIRI
—
VLCD3PE VLCD2PE
VLCD1PE
—
339
LCDSE2
SE31
SE30
SE29
SE28
SE27
SE26
SE25
SE24
341
PORTE
RE7
RE6
RE5
RE4
RE3
RE2
RE1
RE0
143
TRISE
TRISE7
TRISE6
TRISE5
TRISE4
TRISE3
TRISE2
TRISE1
TRISE0
143
Legend:
x = unknown, u = unchanged, – = unimplemented locations read as ‘0’. Shaded cells are not used by PORTE.
Note 1:
Applies to ECCP modules only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com